Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8241EC Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MPC8241EC
Description  MPC8241 Integrated Processor Hardware Specifications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8241EC Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MPC8241EC Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
MPC8241 Integrated Processor Hardware Specifications, Rev. 10
Freescale Semiconductor
11
Electrical and Thermal Characteristics
4.2.1
Output Driver Characteristics
Table 4 provides information on the characteristics of the output drivers referenced in Table 16. The values
are preliminary estimates from an IBIS model and are not tested.
Capacitance
Vin = 0 V, f = 1 MHz
Cin
—
16.0
pF
Notes:
1. See Table 16 for pins with internal pull-up resistors.
2. All grounded pins are connected together.
3. Leakage current is measured on input and output pins in the high-impedance state. The leakage current is measured for
nominal GVDD_OVDD/LVDD and VDD or both GVDD_OVDD/LVDD and VDD must vary in the same direction.
4. See Table 4 for the typical drive capability of a specific signal pin based on the type of output driver associated with that pin
as listed in Table 16.
Table 4. Drive Capability of MPC8241 Output Pins 5, 6
Driver Type
Programmable Output
Impedance
(
Ω)
Supply Voltage
IOH
IOL
Unit
Notes
DRV_STD_MEM
20 (default)
GVDD_OVDD = 3.3 V
36.6
18.0
mA
2, 4
40
18.6
9.2
mA
2, 4
DRV_PCI
20
12.0
12.4
mA
1, 3
40 (default)
6.1
6.3
mA
1, 3
DRV_MEM_CTRL
DRV_PCI_CLK
DRV_MEM_CLK
6 (default)
89.0
42.3
mA
2, 4
20
36.6
18.0
mA
2, 4
40
18.6
9.2
mA
2, 4
Notes:
1. For DRV_PCI, IOH read from the IBIS listing in the pull-up mode, I(Min) column, at the 0.33-V label by interpolating between
the 0.3- and 0.4-V table entries current values which corresponds to the PCI VOH = 2.97 = 0.9 × GVDD_OVDD (GVDD_OVDD
= 3.3 V) where table entry voltage = GVDD_OVDD – PCI VOH.
2. For all others with GVDD_ OVDD = 3.3 V, IOH read from the IBIS listing in the pull-up mode, I(Min) column, at the 0.9-V table
entry which corresponds to the VOH = 2.4 V where table entry voltage = GVDD_OVDD – VOH.
3. For DRV_PCI, IOL read from the IBIS listing in the pull-down mode, I(Min) column, at 0.33 V = PCI VOL = 0.1 × GVDD_OVDD
(GVDD_OVDD = 3.3 V) by interpolating between the 0.3- and 0.4-V table entries.
4. For all others with GVDD_OVDD = 3.3 V, IOL read from the IBIS listing in the pull-down mode, I(Min) column, at the 0.4-V table
entry.
5. See driver bit details for output driver control register (0x73) in the MPC8245 Integrated Processor Reference Manual.
6. See Chip Errata No. 19 in the MPC8245/MPC8241 Integrated Processor Chip Errata.
Table 3. DC Electrical Specifications (continued)
Characteristics
Conditions
Symbol
Min
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com