Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8241EC Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MPC8241EC
Description  MPC8241 Integrated Processor Hardware Specifications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8241EC Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MPC8241EC Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
MPC8241 Integrated Processor Hardware Specifications, Rev. 10
Freescale Semiconductor
39
PLL Configuration
6
PLL Configuration
The PLL_CFG[0:4] are configured by the internal PLLs. For a specific PCI_SYNC_IN (PCI bus)
frequency, the PLL configuration signals set both the peripheral logic/memory bus PLL (VCO) frequency
of operation for the PCI-to-memory frequency multiplying and the MPC603e CPU PLL (VCO) frequency
of operation for memory-to-CPU frequency multiplying. The PLL configurations are shown in Table 17
and Table 18.
Table 17. PLL Configurations (166- and 200-MHz)
Ref 2
PLL_CFG
[0:4] 1
166 MHz-Part 2
200-MHz Part 2
Multipliers
PCI Clock
Input
(PCI_
SYNC_IN)
Range 3
(MHz)
Peripheral
Logic/
Mem
Bus Clock
Range
(MHz)
CPU
Clock
Range
(MHz)
PCI Clock
Input
(PCI_
SYNC_IN)
Range 3
(MHz)
Peripheral
Logic/
Mem Bus
Clock
Range
(MHz)
CPU
Clock
Range
(MHz)
PCI-to-
Mem
(Mem VCO)
Mem-to-
CPU
(CPU VCO)
0
00000
Not available
25-265
75-78
188-195
3 (2)
2.5 (2)
2
00010
344–375
34–37
153–166
344–445
34–44
153–200
1 (4)
4.5 (2)
3
000116
507–663
50–66
100–132
507–663
50–66
100–132
1 (Bypass)
2 (4)
4
00100
25–415
50–82
100–164
25–448,10
50–88
100–176
2 (4)
2 (4)
6
001109
Bypass
Bypass
Bypass
Bypass
7
Rev. B
001116
504–55 5
50–55
150–166
504–663
50–66
150–198
1 (Bypass)
3 (2)
7
Rev. D
00111
Not available
8
01000
504–555
50–55
150–166
504–663
50–66
150–198
1 (4)
3 (2)
9
01001
384–415,11
76–82
152–164
384–505,12
76–100
152–200
2 (2)
2 (2)
B
01011
Not available
445
66
198
2(2)
2.5(2)
C
01100
304–335
60–66
150–165
304–405
60–80
150–200
2 (4)
2.5 (2)
E
01110
25–275
50–54
150–162
25–335
60–66
150–198
2 (4)
3 (2)
10
10000
25–275,11
75–83
150–166
25–335,12
75–100
150–200
3 (2)
2 (2)
12
10010
504–555,11
75–83
150–166
504–663
75–99
150–198
1.5 (2)
2 (2)
14
10100
Not available
25–285
50–56
175–196
2 (4)
3.5 (2)
16
10110
255
50
200
2(4)
4(2)
17
10111
255
100
200
4(2)
2(2)
19
11001
335,13
66
165
3313–405
66–80
165–200
2(2)
2.5(2)
1A
11010
374–415
37–41
150–166
374–505
37–50
150–200
1 (4)
4 (2)
1B
11011
Not available
335,13
66
198
2(2)
3(2)
1C
11100
445,13
66
198
1.5(2)
3(2)
1D
11101
445,13
66
166
4413–535
66–80
165–200
1.5 (2)
2.5 (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com