Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8241EC Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # MPC8241EC
Description  MPC8241 Integrated Processor Hardware Specifications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8241EC Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button MPC8241EC Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 58 page
background image
MPC8241 Integrated Processor Hardware Specifications, Rev. 10
Freescale Semiconductor
41
PLL Configuration
6
0011013
Bypass
Bypass
7 (Rev. B)
0011112
506–661
50–66
150–198
1 (Bypass)
3 (2)
7 (Rev. D)
0011114
Not Available
8
01000
506–661
50–66
150–198
1 (4)
3 (2)
9
01001
386–661
76–132
152–264
2 (2)
2 (2)
A
01010
25–295
50–58
225–261
2 (4)
4.5 (2)
B
01011
453–595
68–88
204–264
1.5 (2)
3 (2)
C
01100
306–444
60–88
150–220
2 (4)
2.5 (2)
D
01101
453–505
68–75
238–263
1.5 (2)
3.5 (2)
E
01110
25–445
50–88
150–264
2 (4)
3 (2)
F
01111
255
75
263
3 (2)
3.5 (2)
10
10000
25–445
75–132
150–264
3 (2)
2 (2)
11
10001
25–265
100–106
250–266
4 (2)
2.5 (2)
12
10010
506–661
75–99
150–198
1.5 (2)
2 (2)
13
10011
Not available
4 (2)
3 (2)
14
10100
25–385
50–76
175–266
2 (4)
3.5 (2)
15
10101
Not available
2.5 (2)
4 (2)
16
10110
25–335
50–66
200–264
2 (4)
4 (2)
17
10111
25–335
100–132
200–264
4 (2)
2 (2)
18
11000
273–355
68–88
204–264
2.5 (2)
3 (2)
19
11001
333–535
66–106
165–265
2 (2)
2.5 (2)
1A
11010
5018–661
50–66
200–264
1 (4)
4 (2)
1B
11011
343–445
68–88
204–264
2 (2)
3 (2)
1C
11100
443–595
66–88
198–264
1.5 (2)
3 (2)
1D
11101
443–661
66–99
165–248
1.5 (2)
2.5 (2)
1E (Rev. B)
111108
Not usable
Off
Off
1E (Rev. D)
11110
333-385
66-76
231-266
2(2)
3.5(2)
Table 18. PLL Configurations (266-MHz Parts) (continued)
Ref 2
PLL_
CFG[0:4] 10,11
266-MHz Part 9
Multipliers
PCI Clock Input
(PCI_SYNC_IN)
Range 1
(MHz)
Periph Logic/
Mem Bus
Clock Range
(MHz)
CPU Clock
Range
(MHz)
PCI-to-Mem
(Mem VCO)
Mem-to-CPU
(CPU VCO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com