Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8241EC Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # MPC8241EC
Description  MPC8241 Integrated Processor Hardware Specifications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8241EC Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button MPC8241EC Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 58 page
background image
MPC8241 Integrated Processor Hardware Specifications, Rev. 10
36
Freescale Semiconductor
Package Description
PCI_CLK1/SIN1
U16
Output
GVDD_OVDD
DRV_PCI_CLK
5, 14, 24
PCI_CLK2/RTS1/SOUT2 W18
Output
GVDD_OVDD
DRV_PCI_CLK
5, 14
PCI_CLK3/CTS1/SIN2
V19
Output
GVDD_OVDD
DRV_PCI_CLK
5, 14, 24
PCI_CLK4/DA3
V17
Output
GVDD_OVDD
DRV_PCI_CLK
5, 14
PCI_SYNC_OUT
U17
Output
GVDD_OVDD
DRV_PCI_CLK
—
PCI_SYNC_IN
V18
Input
GVDD_OVDD
——
SDRAM_CLK[0:3]
D7 B7 C5 A5
Output
GVDD_OVDD
DRV_MEM_CTRL
1, 22
SDRAM_SYNC_OUT
B4
Output
GVDD_OVDD
DRV_MEM_CTRL
—
SDRAM_SYNC_IN
A4
Input
GVDD_OVDD
——
CKO/DA1
L1
Output
GVDD_OVDD
DRV_STD_MEM
5
OSC_IN
R17
Input
GVDD_OVDD
—15
Miscellaneous Signals
HRST_CTRL
M2
Input
GVDD_OVDD
—25
HRST_CPU
L4
Input
GVDD_OVDD
—25
MCP
K4
Output
GVDD_OVDD
DRV_STD_MEM
10, 11, 16
NMI
M1
Input
GVDD_OVDD
——
SMI
L2
Input
GVDD_OVDD
—12
SRESET/SDMA12
L3
I/O
GVDD_OVDD
DRV_MEM_CTRL
5, 12
TBEN/SDMA13
K3
I/O
GVDD_OVDD
DRV_MEM_CTRL
5, 12
QACK/DA0
A3
Output
GVDD_OVDD
DRV_STD_MEM
5, 11, 12
CHKSTOP_IN/SDMA14
K2
I/O
GVDD_OVDD
DRV_MEM_CTRL
5, 12
TRIG_IN/RCS2
P18
I/O
GVDD_OVDD
—5, 12
TRIG_OUT/RCS3
N18
Output
GVDD_OVDD
DRV_STD_MEM
5
MAA[0:2]
E17 D17 C18
Output
GVDD_OVDD
DRV_STD_MEM
1, 10, 11
MIV
K1
Output
GVDD_OVDD
DRV_STD_MEM
23
PMAA[0:1]
N19 N17
Output
GVDD_OVDD
DRV_STD_MEM
1, 2, 10, 11
PMAA[2]
M15
Output
GVDD_OVDD
DRV_STD_MEM
1, 2, 10, 11
Test/Configuration Signals
PLL_CFG[0:4]/DA[10:6]
N3 N2 N1 M4 M3
I/O
GVDD_OVDD
—
1, 5, 20
TEST0
P16
Input
GVDD_OVDD
—13, 21
RTC
D13
Input
GVDD_OVDD
—12
TCK
T19
Input
GVDD_OVDD
—6, 13
TDI
N15
Input
GVDD_OVDD
—6, 13
TDO
T17
Output
GVDD_OVDD
DRV_PCI
23
Table 16. MPC8241 Pinout Listing (continued)
Signal Name
Package Pin Number
Pin Type
Power
Supply
Output
Driver Type
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com