Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8241EC Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

Part # MPC8241EC
Description  MPC8241 Integrated Processor Hardware Specifications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8241EC Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button MPC8241EC Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 58Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 56 / 58 page
background image
MPC8241 Integrated Processor Hardware Specifications, Rev. 10
56
Freescale Semiconductor
Document Revision History
4
—
Section 1.4.1.2—Table 2: Changed note 1. Figure 2: Updated note 2 and removed ‘voltage regulator
delay’ label since Section 1.7.2 is being deleted this revision. Also, updated Table 5, note 1 to reflect
deletion of Section 1.7.2.
Section 1.4.1.3—Table 3: Updated the maximum input capacitance from 15 to 16 pF based on
characterization data.
Section 1.4.3.1—Updated PCI_SYNC_IN jitter specifications to 200 ps.
Section 1.4.3.3—Table 11, item 12b: added the word ‘address’ to help clarify which signals the spec
applies to. Figure 15: edited timing for items 12a0 and 12a2 to correspond with Table 11.
Section 1.5.2—Changed some dimension values for the side view of package.
Section 1.5.3—Updated notes for the QACK/DA0 signal because this signal has been found to have
no internal pull resistor.
Section 1.6—Updated note numbering list for Table 19. Removed mode 5 from PLL tables since that
mode is no longer supported.
Section 1.7.2 —This section was removed as it was not necessary since the power information is
covered in Section 1.4.1.5.
Section 1.7.4—Added the words ‘the clamping voltage’ to describe LVDD in the sixth paragraph.
Changed the QACK/DA0 signal from the list of signals having an internal pull-up resistor to the list
of signals needing a weak pull-up resistor to OVDD.
Section 1.9.1—Table 21: Added processor version register value column.
3
—
Section 1.4.1.2—Changed recommended value in Table 2 for I/O buffer supply to 3.3
± 0.3 V.
Changed wording referencing Figure 4 to refer to the MPC8241.
Section 1.4.2—Table 6: Updated values for thermal characterization data as per the new packaging
and 266-MHz part. Added note 7 for the difference between the 166-/200-MHz and the 266-MHz
packaging.
Section 1.4.3—Corrected the voltage listing for the 266-MHz part to 1.8
± 0.1 V in Table 7.
Section 1.5—Changed package parameters and illustration based on new packaging.
Section 1.6—Table 18: Modified PLL configuration for 166- and 200-MHz parts for mode 7 to specify
that this mode is not available for Rev. D of the part. Added sentence to note 1 referencing update
for mode 7. Table 19: Made several range updates for various modes to accommodate VCO limits.
Added mode 7 and 1E updates for Rev. D. Updated VCO limits listed in notes 4, 6, and 7.
2
—
Section 1.4.1.2—Updated note 1 to include 266-MHz part. Added a line to cautions 2 and 3 in the
notes section of Table 2. Added Figures 4 and 5 to show the overshoot and undershoot requirements
for the PCI interface.
Section 1.4.1.3—Table 3: Updated minimum value for input high voltage, and maximum value for
capacitance.
Section 1.4.3.2—Appended Figures 9 and 10.
Section 1.4.3.4—Added a column to Table 13 to include 133-MHz memory bus speed for 266-MHz
part.
Section 1.5.2—Changed Figure 24 to accommodate new package offerings.
Section 1.6—Added Table 19 for PLL of the 266-MHz part.
Section 1.7.7—Corrected note numbering in COP connector diagram.
Section 1.9.1—Updated package description in part marking nomenclature.
Table 21. Revision History Table (continued)
Revision
Date
Substantive Change(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com