Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8241EC Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # MPC8241EC
Description  MPC8241 Integrated Processor Hardware Specifications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8241EC Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button MPC8241EC Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 58 page
background image
MPC8241 Integrated Processor Hardware Specifications, Rev. 10
Freescale Semiconductor
35
Package Description
RCS1
B9
Output
GVDD_OVDD
DRV_MEM_CTRL
—
RCS2/TRIG_IN
P18
I/O
GVDD_OVDD
—5, 12
RCS3/TRIG_OUT
N18
Output
GVDD_OVDD
DRV_STD_MEM
5
SDMA[1:0]
A15 B15
I/O
GVDD_OVDD
DRV_MEM_CTRL
1, 10, 11
SDMA[11:2]
A11 B12 A12 C12 B13 C13 D12
A14 C14 B14
Output
GVDD_OVDD
DRV_MEM_CTRL
1
DRDY
P1
Input
GVDD_OVDD
—12, 13
SDMA12/SRESET
L3
I/O
GVDD_OVDD
DRV_MEM_CTRL
5, 12
SDMA13/TBEN
K3
I/O
GVDD_OVDD
DRV_MEM_CTRL
5, 12
SDMA14/CHKSTOP_IN
K2
I/O
GVDD_OVDD
DRV_MEM_CTRL
5, 12
SDBA1
C11
Output
GVDD_OVDD
DRV_MEM_CTRL
—
SDBA0
B11
Output
GVDD_OVDD
DRV_MEM_CTRL
—
PAR[0:7]
E19 C19 D5 D6 E16 F17 B2 C1
I/O
GVDD_OVDD
DRV_STD_MEM
1
SDRAS
B19
Output
GVDD_OVDD
DRV_MEM_CTRL
10
SDCAS
D16
Output
GVDD_OVDD
DRV_MEM_CTRL
10
CKE
C6
Output
GVDD_OVDD
DRV_MEM_CTRL
10, 11
WE
B16
Output
GVDD_OVDD
DRV_MEM_CTRL
—
AS
A16
Output
GVDD_OVDD
DRV_MEM_CTRL
10, 11
PIC Control Signals
IRQ0/S_INT
P4
Input
GVDD_OVDD
——
IRQ1/S_CLK
R2
I/O
GVDD_OVDD
DRV_PCI
—
IRQ2/S_RST
U19
I/O
GVDD_OVDD
DRV_PCI
—
IRQ3/S_FRAME
P15
I/O
GVDD_OVDD
DRV_PCI
—
IRQ4/L_INT
P2
I/O
GVDD_OVDD
DRV_PCI
—
I2C Control Signals
SDA
P17
I/O
GVDD_OVDD
DRV_STD_MEM
8, 12
SCL
R19
I/O
GVDD_OVDD
DRV_STD_MEM
8, 12
DUART Control Signals
SOUT1/PCI_CLK0
T16
Output
GVDD_OVDD
DRV_MEM_CTRL
5, 14
SIN1/PCI_CLK1
U16
I/O
GVDD_OVDD
DRV_MEM_CTRL
5, 14, 24
SOUT2/RTS1/PCI_CLK2 W18
Output
GVDD_OVDD
DRV_MEM_CTRL
5, 14
SIN2/CTS1/PCI_CLK3
V19
I
GVDD_OVDD
DRV_MEM_CTRL
5, 14, 24
Clock-Out Signals
PCI_CLK0/SOUT1
T16
Output
GVDD_OVDD
DRV_PCI_CLK
5, 14
Table 16. MPC8241 Pinout Listing (continued)
Signal Name
Package Pin Number
Pin Type
Power
Supply
Output
Driver Type
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com