Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8241EC Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # MPC8241EC
Description  MPC8241 Integrated Processor Hardware Specifications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8241EC Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button MPC8241EC Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 58 page
background image
MPC8241 Integrated Processor Hardware Specifications, Rev. 10
40
Freescale Semiconductor
PLL Configuration
1E
1111014
Not usable
Not usable
Off
Off
1F
1111114
Not usable
Not usable
Off
Off
Notes:
1. PLL_CFG[0:4] settings not listed are reserved. Bits 7–4 of register offset <0xE2> contain the PLL_CFG[0:4] setting value.
Note the impact of the relevant revisions for mode 7.
2. Range values are shown rounded down to the nearest whole number (decimal place accuracy removed) for clarity.
3. Limited by maximum PCI input frequency (66 MHz).
4. Limited by minimum CPU VCO frequency (300 MHz).
5. Limited by maximum CPU operating frequency.
6. In PLL bypass mode, the PCI_SYNC_IN input signal clocks the internal processor directly, the peripheral logic PLL is
disabled, and the bus mode is set for 1:1 (PCI:Mem) mode operation. This mode is intended for hardware modeling. The
AC timing specifications in this document do not apply in PLL bypass mode.
7. Limited by minimum CPU operating frequency (100 MHz).
8. Limited due to maximum memory VCO frequency (352 MHz).
9. In dual PLL bypass mode, the PCI_SYNC_IN input signal clocks the internal peripheral logic directly, the peripheral logic PLL
is disabled, and the bus mode is set for 1:1 (PCI_SYNC_IN:Mem) mode operation. In this mode, the OSC_IN input signal
clocks the internal processor directly in 1:1 (OSC_IN:CPU) mode operation, and the processor PLL is disabled. The
PCI_SYNC_IN and OSC_IN input clocks must be externally synchronized. This mode is intended for hardware modeling.
The AC timing specifications in this document do not apply in dual PLL bypass mode.
10.Limited by maximum CPU VCO frequency (704 MHz).
11.Limited by maximum system memory interface operating frequency (83 MHz @ 166 MHz CPU bus speed).
12.Limited by maximum system memory interface operating frequency (100 MHz @ 200 MHz CPU bus speed).
13.Limited by minimum memory VCO frequency (132 MHz).
14.In clock off mode, no clocking occurs inside the MPC8241, regardless of the PCI_SYNC_IN input.
Table 18. PLL Configurations (266-MHz Parts)
Ref 2
PLL_
CFG[0:4] 10,11
266-MHz Part 9
Multipliers
PCI Clock Input
(PCI_SYNC_IN)
Range 1
(MHz)
Periph Logic/
Mem Bus
Clock Range
(MHz)
CPU Clock
Range
(MHz)
PCI-to-Mem
(Mem VCO)
Mem-to-CPU
(CPU VCO)
0
00000
25–355
75–105
188–263
3 (2)
2.5 (2)
1
00001
25–295
75–88
225–264
3 (2)
3 (2)
2
00010
5015–595
50–59
225–266
1 (4)
4.5 (2)
3
0001112
5014–661
50–66
100–133
1 (Bypass)
2 (4)
4
00100
25–444
50–88
100–176
2 (4)
2 (4)
Table 17. PLL Configurations (166- and 200-MHz) (continued)
Ref 2
PLL_CFG
[0:4] 1
166 MHz-Part 2
200-MHz Part 2
Multipliers
PCI Clock
Input
(PCI_
SYNC_IN)
Range 3
(MHz)
Peripheral
Logic/
Mem
Bus Clock
Range
(MHz)
CPU
Clock
Range
(MHz)
PCI Clock
Input
(PCI_
SYNC_IN)
Range 3
(MHz)
Peripheral
Logic/
Mem Bus
Clock
Range
(MHz)
CPU
Clock
Range
(MHz)
PCI-to-
Mem
(Mem VCO)
Mem-to-
CPU
(CPU VCO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com