Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8241EC Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MPC8241EC
Description  MPC8241 Integrated Processor Hardware Specifications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8241EC Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MPC8241EC Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
MPC8241 Integrated Processor Hardware Specifications, Rev. 10
Freescale Semiconductor
7
Electrical and Thermal Characteristics
4.1.2
Recommended Operating Conditions
Table 2 provides the recommended operating conditions for the MPC8241.
Table 2. Recommended Operating Conditions 1
Characteristic
Symbol
Recommended
Value
Unit
Notes
Supply voltage
VDD
1.8
± 100 mV
V
2
I/O buffer supply for PCI and standard; supply voltages for
memory bus drivers
GVDD_OVDD
3.3
± 0.3
V
2
CPU PLL supply voltage
AVDD
1.8
± 100 mV
2
PLL supply voltage—peripheral logic
AVDD21.8 ± 100 mV
V
2
PCI reference
LVDD
5.0
± 5%
V
4, 5, 6
3.3
± 0.3
V
5, 6, 7
Input voltage
PCI inputs
Vin
0 to 3.6 or 5.75
V
4, 7
All other inputs
0 to 3.6
V
8
Die-junction temperature
Tj
0 to 105
•C
C
Notes:
1. Freescale has tested these operating conditions and recommends them. Proper device operation outside of these conditions
is not guaranteed.
2. Caution: GVDD_OVDD must not exceed VDD/AVDD/AVDD2 by more than 1.8 V at any time including during power-on reset.
Note that GVDD_OVDD pins are all shorted together: This limit may be exceeded for a maximum of 20 ms during power-on
reset and power-down sequences. Connections should not be made to individual PWRRING pins.
3. Caution: VDD/AVDD/AVDD2 must not exceed GVDD_OVDD by more than 0.6 V at any time, including during power-on reset.
This limit may be exceeded for a maximum of 20 ms during power-on reset and power-down sequences.
4. PCI pins are designed to withstand LVDD + 0.5 V DC when LVDD is connected to a 5.0 V DC power supply.
5. Caution: LVDD must not exceed VDD/AVDD/AVDD2 by more than 5.4 V at any time, including during power-on reset. This limit
may be exceeded for a maximum of 20 ms during power-on reset and power-down sequences.
6. Caution: LVDD must not exceed GVDD_OVDD by more than 3.0 V at any time, including during power-on reset. This limit may
be exceeded for a maximum of 20 ms during power-on reset and power-down sequences.
7. PCI pins are designed to withstand LVDD + 0.5 V DC when LVDD is connected to a 3.3 V DC power supply.
8. Caution: Input voltage (Vin) must not be greater than the supply voltage (VDD/AVDD/AVDD2) by more than 2.5 V at all times
including during power-on reset. Input voltage (Vin) must not be greater than GVDD_OVDD by more than 0.6 V at all times
including during power-on reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com