Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8241EC Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MPC8241EC
Description  MPC8241 Integrated Processor Hardware Specifications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8241EC Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPC8241EC Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
MPC8241 Integrated Processor Hardware Specifications, Rev. 10
10
Freescale Semiconductor
Electrical and Thermal Characteristics
Figure 5. Maximum AC Waveforms for 5-V Signaling
4.2
DC Electrical Characteristics
Table 3 provides the DC electrical characteristics for the MPC8241 at recommended operating conditions.
Table 3. DC Electrical Specifications
Characteristics
Conditions
Symbol
Min
Max
Unit
Notes
Input high voltage
PCI only, except
PCI_SYNC_IN
VIH
0.65
× GVDD_OVDD
LVDD
V1
Input low voltage
PCI only, except
PCI_SYNC_IN
VIL
—0.3
× GVDD_OVDD
V
Input high voltage
All other pins, including
PCI_SYNC_IN
(GVDD_OVDD = 3.3 V)
VIH
2.0
3.3
V
Input low voltage
All inputs, including
PCI_SYNC_IN
VIL
GND/GNDRING
0.8
V
2
Input leakage current for
pins using DRV_PCI driver
0.5 V
≤ V
in ≤ 2.7 V
@ LVDD = 4.75 V
IL
—
±70
µA
3
Input leakage current all
others
LVDD = 3.6 V
GVDD_OVDD ≤ 3.465 V
IL
—
±10
µA
3
Output high voltage
IOH = driver dependent
(GVDD_OVDD = 3.3 V)
VOH
2.4
—
V
4
Output low voltage
IOL = driver dependent
(GVDD_OVDD = 3.3 V)
VOL
—0.4
V
4
Undervoltage
Waveform
Overvoltage
Waveform
11 ns
(Min)
+11 V
11 V p-to-p
(Min)
4 ns
(Max)
–5.5 V
10.75 V p-to-p
(Min)
62.5 ns
+5.25 V
0 V
4 ns
(Max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com