Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8241EC Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # MPC8241EC
Description  MPC8241 Integrated Processor Hardware Specifications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8241EC Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button MPC8241EC Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 58 page
background image
MPC8241 Integrated Processor Hardware Specifications, Rev. 10
Freescale Semiconductor
49
System Design Information
7.7.1
Internal Package Conduction Resistance
For the PBGA, die-up, packaging technology, shown in Figure 28, the intrinsic conduction thermal
resistance paths are as follows:
•
The die junction-to-case thermal resistance
•
The die junction-to-ball thermal resistance
Figure 30 depicts the primary heat transfer path for a package with an attached heat sink mounted to a
printed-circuit board.
Figure 30. PBGA Package with Heat Sink Mounted to a Printed-Circuit Board
For this die-up, wire-bond PBGA package, heat generated on the active side of the chip is conducted
mainly through the mold cap, the heat sink attach material (or thermal interface material), and finally
through the heat sink where forced-air convection removes it.
7.7.2
Adhesives and Thermal Interface Materials
A thermal interface material should be used between the top of the mold cap and the bottom of the heat
sink minimizes thermal contact resistance. For applications that attach the heat sink by a spring clip
mechanism, Figure 31 shows the thermal performance of three thin-sheet thermal-interface materials
(silicone, graphite/oil, floroether oil), a bare joint, and a joint with thermal grease as a function of contact
pressure. As shown, the performance of these thermal interface materials improves with increasing contact
pressure. Thermal grease significantly reduces the interface thermal resistance. That is, the bare joint offers
a thermal resistance approximately seven times greater than the thermal grease joint.
A spring clip attaches heat sinks to holes in the printed-circuit board (see Figure 28). Therefore, the
synthetic grease offers the best thermal performance, considering the low interface pressure. The selection
of any thermal interface material depends on factors such as thermal performance requirements,
manufacturability, service temperature, dielectric properties, and cost.
External Resistance
External Resistance
Internal Resistance
Radiation
Convection
Radiation
Convection
Heat Sink
Printed-Circuit Board
Thermal Interface Material
Package/Leads
Die Junction
Die/Package
(Note the internal versus external package resistance)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com