Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8241EC Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPC8241EC
Description  MPC8241 Integrated Processor Hardware Specifications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8241EC Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPC8241EC Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
MPC8241 Integrated Processor Hardware Specifications, Rev. 10
Freescale Semiconductor
5
General Parameters
—I2C controller with full master/slave support that accepts broadcast messages
— Programmable interrupt controller (PIC)
– Five hardware interrupts (IRQs) or 16 serial interrupts
– Four programmable timers with cascade
— Two (dual) universal asynchronous receiver/transmitters (UARTs)
— Integrated PCI bus and SDRAM clock generation
— Programmable PCI bus and memory interface output drivers
•
System level performance monitor facility
•
Debug features
— Memory attribute and PCI attribute signals
— Debug address signals
—MIV signal—marks valid address and data bus cycles on the memory bus
— Programmable input and output signals with watchpoint capability
— Error injection/capture on data path
— IEEE Std. 1149.1 (JTAG)/test interface
3
General Parameters
The following list summarizes the general parameters of the MPC8241:
Technology
0.25 µm CMOS, five-layer metal
Die size
49.2 mm
2
Transistor count
4.5 million
Logic design
Fully static
Packages
Surface-mount 357 (thick substrate and thick mold cap)
plastic ball grid array (PBGA)
Core power supply
1.8 V ± 100 mV DC (nominal; see Table 2 for details
and recommended operating conditions)
I/O power supply
3.0 to 3.6 V DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com