Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8241EC Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC8241EC
Description  MPC8241 Integrated Processor Hardware Specifications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8241EC Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC8241EC Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
© Freescale Semiconductor, Inc., 2009. All rights reserved.
Freescale Semiconductor
Technical Data
The MPC8241 combines a PowerPC™ MPC603E core with
a PCI bridge so that system designers can rapidly design
systems using peripherals designed for PCI and other
standard interfaces. Also, a high-performance memory
controller supports various types of ROM and SDRAM. The
MPC8241 is the second of a family of products that provide
system-level support for industry-standard interfaces with an
MPC603e processor core.
This hardware specification describes pertinent electrical
and physical characteristics of the MPC8241, which is based
on the MPC8245 design. For functional characteristics of the
processor, refer to the MPC8245 Integrated Processor
Reference Manual (MPC8245UM).
For published errata or updates to this document, visit the
web site listed on the back cover of the document.
1Overview
The MPC8241 integrated processor is composed of a
peripheral logic block and a 32-bit superscalar MPC603e
core, as shown in Figure 1.
Document Number: MPC8241EC
Rev. 10, 02/2009
Contents
1. Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2. Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
3. General Parameters . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
4. Electrical and Thermal Characteristics . . . . . . . . . . . . 6
5. Package Description . . . . . . . . . . . . . . . . . . . . . . . . . 31
6. PLL Configuration . . . . . . . . . . . . . . . . . . . . . . . . . . 39
7. System Design Information . . . . . . . . . . . . . . . . . . . 42
8. Ordering Information . . . . . . . . . . . . . . . . . . . . . . . . 52
9. Document Revision History . . . . . . . . . . . . . . . . . . . 54
MPC8241 Integrated Processor
Hardware Specifications


Similar Part No. - MPC8241EC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8241 FREESCALE-MPC8241 Datasheet
217Kb / 4P
Intergrated Processor Hardware Specifications
MPC8241TZP166C FREESCALE-MPC8241TZP166C Datasheet
217Kb / 4P
Intergrated Processor Hardware Specifications
MPC8241TZP200C FREESCALE-MPC8241TZP200C Datasheet
217Kb / 4P
Intergrated Processor Hardware Specifications
MPC8241TZP266C FREESCALE-MPC8241TZP266C Datasheet
217Kb / 4P
Intergrated Processor Hardware Specifications
MPC8241TZQ166C FREESCALE-MPC8241TZQ166C Datasheet
217Kb / 4P
Intergrated Processor Hardware Specifications
More results

Similar Description - MPC8241EC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC8240EC MOTOROLA-MPC8240EC Datasheet
1Mb / 52P
Integrated Processor Hardware Specifications
logo
Freescale Semiconductor...
MPC8560 FREESCALE-MPC8560 Datasheet
2Mb / 108P
Integrated Processor Hardware Specifications
MPC8540 FREESCALE-MPC8540_06 Datasheet
1Mb / 104P
Integrated Processor Hardware Specifications
MPC8245 FREESCALE-MPC8245_07 Datasheet
465Kb / 68P
Integrated Processor Hardware Specifications
MPC8533E FREESCALE-MPC8533E_10 Datasheet
1Mb / 112P
Integrated Processor Hardware Specifications
MPC8535E FREESCALE-MPC8535E_10 Datasheet
2Mb / 126P
Integrated Processor Hardware Specifications
MPC8536E FREESCALE-MPC8536E_10 Datasheet
1Mb / 127P
Integrated Processor Hardware Specifications
MPC8548CVTAUJD FREESCALE-MPC8548CVTAUJD Datasheet
849Kb / 151P
Integrated Processor Hardware Specifications
MPC8548ECPXATGB FREESCALE-MPC8548ECPXATGB Datasheet
849Kb / 151P
Integrated Processor Hardware Specifications
logo
NXP Semiconductors
MPC8560EC NXP-MPC8560EC Datasheet
1Mb / 108P
Integrated Processor Hardware Specifications
Rev. 4.2, 1/2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com