Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC21FTR Datasheet(PDF) 7 Page - STMicroelectronics

Part # STBC21FTR
Description  LI battery charger with thermal regulation
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC21FTR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STBC21FTR Datasheet HTML 3Page - STMicroelectronics STBC21FTR Datasheet HTML 4Page - STMicroelectronics STBC21FTR Datasheet HTML 5Page - STMicroelectronics STBC21FTR Datasheet HTML 6Page - STMicroelectronics STBC21FTR Datasheet HTML 7Page - STMicroelectronics STBC21FTR Datasheet HTML 8Page - STMicroelectronics STBC21FTR Datasheet HTML 9Page - STMicroelectronics STBC21FTR Datasheet HTML 10Page - STMicroelectronics STBC21FTR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
STBC21
Block diagram
Doc ID 023256 Rev 1
7/54
Figure 2.
Typical application schematic
Table 2.
External components
Symbol
Parameter
Min.
Typ.
Max.
Unit
C1
Ceramic capacitor SMD
1
10
µF
C2
Ceramic capacitor SMD
TBD
µF
C3
Ceramic capacitor SMD
0.1
µF
C4
Ceramic capacitor SMD
10
µF
C5
Ceramic capacitor SMD
TBD (1)
1.
Time constant R5*C5 must be less than 20 msec.
R1
Resistor
10 (2)
2.
This value refers to a fast-charge current of 100 mA.
k
Ω
R2
Resistor
TBD
k
Ω
R3
Resistor
100
k
Ω
R4
Resistor
0
Ω
R5
Resistor
TBD (1)
R6
Resistor
4.7
k
Ω
R7
Resistor
4.7
k
Ω
R8
Resistor
TBD (3)
3.
Time constant must be chosen taking into account compensation loop.
RLED1, RLED2 Resistor
90
Ω
D1
LED Kingbright L-934HD
D2
LED Kingbright L-934GD
AM10434v 2
VCC
TEMP
LED2
LED1
BAT
C1
BATTERY PACK
Li+
Protection
Circuit
Li-Ion
Battery
TEMP
GND
NTC
PHC
VCP
VREF
ISET
R1
RES2 (I
2C Data)
RES1 (I
2C Clock)
BAT
RES3 (Reserved)
C2
R2
C4
C3
R3
R4
D1
D2
VCC
STBC21A
TO AC-DC
VBAT_SNS
RLED1
RLED2
VIN
GND
R8
C5
VREF
R7
R6
VCC
VREF
R5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com