Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC21FTR Datasheet(PDF) 18 Page - STMicroelectronics

Part # STBC21FTR
Description  LI battery charger with thermal regulation
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC21FTR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STBC21FTR Datasheet HTML 14Page - STMicroelectronics STBC21FTR Datasheet HTML 15Page - STMicroelectronics STBC21FTR Datasheet HTML 16Page - STMicroelectronics STBC21FTR Datasheet HTML 17Page - STMicroelectronics STBC21FTR Datasheet HTML 18Page - STMicroelectronics STBC21FTR Datasheet HTML 19Page - STMicroelectronics STBC21FTR Datasheet HTML 20Page - STMicroelectronics STBC21FTR Datasheet HTML 21Page - STMicroelectronics STBC21FTR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 54 page
background image
Detailed description
STBC21
18/54
Doc ID 023256 Rev 1
Figure 6.
Temperature ranges compatible with PSE, power safety electrical
The new floating voltage in these ranges can be programmed to be 4.2 V, 4.1 V or 4.05 V (±
30 mV), as reported in
Appendix B.
Once the reduced floating voltage is reached, the charge terminates only if the battery
temperature is in the 10 °C ~ 45 °C range. If the temperature is outside this range, the
charger holds and restarts once the temperature decreases.
This function can be enabled/disabled setting a bit in NVM.
There is also the possibility to halve the charging current (see
Figure 6, blue dashed line) in
fast-charge in all temperature ranges.
In addition, all thresholds have an hysteresis: TLO and THO have a fixed hysteresis of 2 °C,
whereas TL, TH and THH have a programmable hysteresis of 2 °C or 5 °C (value set by a bit
in NVM).
If the temperature moves above TH or below TL, Vfloat is reduced. When the temperature
goes back inside the range TL-TH (with the associated hysteresis), Vfloat is replaced to its
maximum value.
At the beginning of the charge, when the battery pack is inserted, a check of battery
temperature is performed: if the temperature is outside the range 0 °C~45 °C, the charger
doesn't start charging and waits until the temperature goes back into the range (above 0 °C
or below 43 °C) (see
Figure 8).
Similarly, if auto-recharge is active and battery voltage decreases below 3.9 V, but its
temperature is outside the range 0 °C ~ 45 °C, the charge is stopped and restarts only when
battery temperature goes into the range 0 °C ~ 43 °C. In this situation, LEDs continue to
show “charge completed”.
During charging, if battery temperature goes outside the functional range (-2 °C ~ 60 °C),
the charger must stop the operations regardless of the current state. In this case, the LEDs
show “Battery temperature alarm” but the timers keep on counting. If the temperature moves
back inside the range 0 °C ~ 43 °C, the charger restarts the operations restoring the status it
was in before the interruption.
In this case, if temperature goes above 60 °C twice, the charger stops, the LEDs show a
“charge completed” and it is necessary to remove the battery to restart the operations (see
Figure 9). With the battery uninstalled, the LED configuration is like that indicated in
Appendix E.
In summary, the STBC21 behavior can also be represented as the following V-I
characteristic:
AM10417v 1
VFLOAT
I CHARGE
TLO
TL
TH THH
THO
Temperature
CV- 1
CV- 2
CV- 3 CV- 4
I CHARGE
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com