Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC21FTR Datasheet(PDF) 9 Page - STMicroelectronics

Part # STBC21FTR
Description  LI battery charger with thermal regulation
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC21FTR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STBC21FTR Datasheet HTML 5Page - STMicroelectronics STBC21FTR Datasheet HTML 6Page - STMicroelectronics STBC21FTR Datasheet HTML 7Page - STMicroelectronics STBC21FTR Datasheet HTML 8Page - STMicroelectronics STBC21FTR Datasheet HTML 9Page - STMicroelectronics STBC21FTR Datasheet HTML 10Page - STMicroelectronics STBC21FTR Datasheet HTML 11Page - STMicroelectronics STBC21FTR Datasheet HTML 12Page - STMicroelectronics STBC21FTR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
STBC21
Maximum ratings
Doc ID 023256 Rev 1
9/54
3
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied. All values are referred to GND.
Table 4.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Input supply voltage
From -0.3 to 10
V
VBAT,
VBAT_SNS
Battery voltage
From -6.0 to 6.0
V
VPHC
PHC voltage
From -0.3 to 10
V
VVCP
VCP voltage
From -0.3 to 5.5
V
VREF
REF voltage
From -0.3 to 3.6
V
VLV
TEMP, LED1, LED2, ISET
From -0.3 to VREF+0.3
V
VRES
RES1, RES2, RES3
From -0.3 to 3.6
V
IBAT
Charging battery current
1350
mA
ESD
Electrostatic discharge voltage
(according to HBM JESD22-A114D)
±2
kV
Electrostatic discharge voltage
(according to CDM JESD22-C101C)
500
V
TSTG
Storage temperature range
–65 to 150
°C
TJ
Junction temperature range
–40 to 125
°C
Lead
temperature
(soldering, 10 seconds)
300
°C
Table 5.
Thermal data
Symbol
Parameter
Value
Unit
RthJA
(1)
1.
Evaluated on 1S2P (1 signal, 2 plane layers) board, 4.4 x 5 mm body size, 3.0 x 3.0 mm pad size, 1.5 W
applied power.
Thermal resistance junction-ambient
37.6 (2)
2.
By 0 velocity (linear feet per minute). This value drops to 30.2 °C/W by 500 velocity.
ºC/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com