Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC21FTR Datasheet(PDF) 10 Page - STMicroelectronics

Part # STBC21FTR
Description  LI battery charger with thermal regulation
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC21FTR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STBC21FTR Datasheet HTML 6Page - STMicroelectronics STBC21FTR Datasheet HTML 7Page - STMicroelectronics STBC21FTR Datasheet HTML 8Page - STMicroelectronics STBC21FTR Datasheet HTML 9Page - STMicroelectronics STBC21FTR Datasheet HTML 10Page - STMicroelectronics STBC21FTR Datasheet HTML 11Page - STMicroelectronics STBC21FTR Datasheet HTML 12Page - STMicroelectronics STBC21FTR Datasheet HTML 13Page - STMicroelectronics STBC21FTR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
Electrical characteristics
STBC21
10/54
Doc ID 023256 Rev 1
4
Electrical characteristics
TJ = -25 °C to 85 °C unless otherwise specified. Refer to the typical application circuit.
Typical values are referred to TJ = 25 °C.
Table 6.
Electrical characteristics (DC)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VCC
2.6
9.0
V
VCC_USB
Minimum VCC to enable charging
without quasi-pulse
4.5
V
VBAT
3.0
4.25
V
ICC
Supply current
(excluding LEDs and
battery current)
Fast charge (1)
3.0 V<VCC<9.0 V
IBAT=100 mA
750
µA
Shutdown
2.6 V<VCC<2.85 V
80
µA
Standby
(charge terminated) 2.8
V<VCC<9.0 V
450
µA
ISTBY
IBAT standby current
(charge terminated)
0 V<VCC<9.0 V
VBAT=4.2 V
VTEMP=1.2 V
-50
µA
IPRE_CH
Nominal pre-charge / 0V-charge
current
2.8 V<VCC<9.0 V
48
60
72
mA
72
90
108
96
120
144
IF_CH
Nominal fast-charge current
Set by Ext. resistor
R1=1.25 kΩ
744
800
856
mA
ITERM
Charge termination current
10 mA steps
from 40 mA to 190 mA
4.5 V<VCC<9.0 V
VBAT=4.2 V, TIMER3=0
32
40
48
mA
…
152
190
228
IBAT_OCP
IBAT overcurrent protection
1.35
A
IVREF
VREF current limit
5.0 V<VCC<9.0 V
30
mA
IPHC
Photo-coupler current
VCC=5.0 V, VBAT=3.0 V
10
mA
ILk_PHC
Photo-coupler leakage
VCC=5.0 V, VBAT=4.8 V,
VPHC=5.0 V
2µA
ISINK
Sunk current during battery detection COUT=10 µF
1
mA
IDETECT
Sunk current during battery detection COUT=10 µF
1
mA
ILED
LED current
VREF=2.9 V, VFLED=2 V
RLED=90 kΩ
10
mA
VCC_POR
Power-on reset threshold
2.47
2.6
2.73
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com