Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC21FTR Datasheet(PDF) 31 Page - STMicroelectronics

Part # STBC21FTR
Description  LI battery charger with thermal regulation
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC21FTR Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STBC21FTR Datasheet HTML 27Page - STMicroelectronics STBC21FTR Datasheet HTML 28Page - STMicroelectronics STBC21FTR Datasheet HTML 29Page - STMicroelectronics STBC21FTR Datasheet HTML 30Page - STMicroelectronics STBC21FTR Datasheet HTML 31Page - STMicroelectronics STBC21FTR Datasheet HTML 32Page - STMicroelectronics STBC21FTR Datasheet HTML 33Page - STMicroelectronics STBC21FTR Datasheet HTML 34Page - STMicroelectronics STBC21FTR Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 54 page
background image
STBC21
Charging parameters
Doc ID 023256 Rev 1
31/54
Appendix B
Charging parameters
Table 12.
Timer registers summary
Timer name
Charging
phase
Setting range
Min. unit
Accuracy
Step
Bit
Total
TIMER-1
Pre-charge
60 min.
FIX
±10% @ 25°C
± 15% in temp
--
7
TIMER-2
Fast-charge
150 min. to 510 min.
30 min.
12
4
TIMER-3
End of charge
0 min. to 60 min. (1)
10 min.
7
3
TIMER-4
0V-charge
16 sec
FIX
-
-
1.
0 min. means timer disabled.
Table 13.
Timer-2 description
TIMER-2 Reg 00H
Bit3
Bit2
Bit1
Bit0
150
min.
0
0
0
0
180
min.
0
0
0
1
210
min.
0
0
1
0
240
min.
0
0
1
1
270
min.
0
1
0
0
300
min.
0
1
0
1
330
min.
0
1
1
0
360
min.
0
1
1
1
390
min.
1
0
0
0
420
min.
1
0
0
1
450
min.
1
0
1
0
480
min.
1
0
1
1
510
min.
1
1
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com