Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC21FTR Datasheet(PDF) 37 Page - STMicroelectronics

Part # STBC21FTR
Description  LI battery charger with thermal regulation
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC21FTR Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STBC21FTR Datasheet HTML 33Page - STMicroelectronics STBC21FTR Datasheet HTML 34Page - STMicroelectronics STBC21FTR Datasheet HTML 35Page - STMicroelectronics STBC21FTR Datasheet HTML 36Page - STMicroelectronics STBC21FTR Datasheet HTML 37Page - STMicroelectronics STBC21FTR Datasheet HTML 38Page - STMicroelectronics STBC21FTR Datasheet HTML 39Page - STMicroelectronics STBC21FTR Datasheet HTML 40Page - STMicroelectronics STBC21FTR Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 54 page
background image
STBC21
Temperature thresholds
Doc ID 023256 Rev 1
37/54
Appendix D
Temperature thresholds
Table 30.
Temperature thresholds
Name
Temp
thresholds
Setting range
Minimum
unit
Accuracy
Step
Bit
Total
FTP/
OTP
Battery temperature
detection
THO 60 °C
0.75 V
FIX
±1% on voltage
Thresholds
--
12
1 Time
THH 50 °C
0.79 V -1.002 V
0.014 V
16
4
TH 45 °C
0.89 V -1.10 V
0.014 V
16
4
TL 10 °C
1.74 V -1.95 V
0.014 V
16
4
TLO - 2 °C
2.128 V
FIX
-
-
Hysteresis range
THH, TH, TL
2 °C - 5 °C
3 °C
2 °C = 28 mV
5 °C = 70 mV
11
Table 31.
Th-h reg
Th-h Reg 03H
Bit3
Bit2
Bit1
Bit0
0.792
V
0000
0.806
V
0001
0.820
V
0010
0.834
V
0011
0.848
V
0100
0.862
V
0101
0.876
V
0110
0.890
V
0111
0.904
V
1000
0.918
V
1001
0.932
V
1010
0.946
V
1011
0.960
V
1100
0.974
V
1101
0.988
V
1110
1.002
V
1111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com