Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC21FTR Datasheet(PDF) 20 Page - STMicroelectronics

Part # STBC21FTR
Description  LI battery charger with thermal regulation
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC21FTR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STBC21FTR Datasheet HTML 16Page - STMicroelectronics STBC21FTR Datasheet HTML 17Page - STMicroelectronics STBC21FTR Datasheet HTML 18Page - STMicroelectronics STBC21FTR Datasheet HTML 19Page - STMicroelectronics STBC21FTR Datasheet HTML 20Page - STMicroelectronics STBC21FTR Datasheet HTML 21Page - STMicroelectronics STBC21FTR Datasheet HTML 22Page - STMicroelectronics STBC21FTR Datasheet HTML 23Page - STMicroelectronics STBC21FTR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 54 page
background image
Detailed description
STBC21
20/54
Doc ID 023256 Rev 1
Figure 9.
Battery temperature alarm during charge flowchart
The chip also includes an NVM to allow the temperature thresholds above to be
programmable few times by the battery manufacturer.
The temperature thresholds are sensed by the NTC inside the battery pack. A reference
voltage is properly partitioned to translate the variable resistance in a variable voltage as
shown in
Figure 10.
Figure 10.
Temperature detector schematic
AM10420v 1
Ba ery Temperature
Alarm Detecon /
During charge
Baery Temperature >
60°C
Baery Temperature < -
2°C
Charge
Baery Temperature
Alarm occurrence
Stop charging
Timers keep coun ng
Alarm asserons =2 mes
Charge on going
LED SET
Ba ery
removed
YES
YES
YES
YES
NO
0°C < Baery Temperature < 43°C
NO
NO
NO
NO
Charging Comple on
LED SET
Ba ery Unistalla on
LED SET
YES
Restart charging from the
interrupted point
END
Baery Temperature
> 60°C
YES
NO
Increase
alarm counter
Charge on going
LED SET
Ba ery Temp Alarm /
During charge
LED SET
AM10421v 1
STBC21
TEMP
+
_
RPART2
RPART1
R1
NTC
VREF
BATTERY PACK
R2
R3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com