Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC21FTR Datasheet(PDF) 40 Page - STMicroelectronics

Part # STBC21FTR
Description  LI battery charger with thermal regulation
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC21FTR Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STBC21FTR Datasheet HTML 36Page - STMicroelectronics STBC21FTR Datasheet HTML 37Page - STMicroelectronics STBC21FTR Datasheet HTML 38Page - STMicroelectronics STBC21FTR Datasheet HTML 39Page - STMicroelectronics STBC21FTR Datasheet HTML 40Page - STMicroelectronics STBC21FTR Datasheet HTML 41Page - STMicroelectronics STBC21FTR Datasheet HTML 42Page - STMicroelectronics STBC21FTR Datasheet HTML 43Page - STMicroelectronics STBC21FTR Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 54 page
background image
LED configurations diversified for customer (each customer one pattern)
STBC21
40/54
Doc ID 023256 Rev 1
Appendix E
LED configurations diversified for customer
(each customer one pattern)
Table 35.
LED configurations
Pattern
Battery charger mode
LED-flickering
timing
LED-Red
LED-Green
1
1.Battery uninstallation
Off
Off
2.Charging control
On
Off
3.Charging completion
Off
On
4.Charger alarm
f = 3 Hz
Flickering
Off
5.Battery alarm
f = 3 Hz
Flickering
Off
6.Temperature waiting control
Off
Off
2
1.Battery uninstallation
Off
Off
2.Charging control
On
Off
3.Charging completion
Off
On
4.Charger alarm
f = 2.5 Hz
Flickering
Off
5.Battery alarm
f = 2.5 Hz
Flickering
Off
6.Temperature waiting control
On
Off
3
1.Battery uninstallation
Off
Off
2.Charging control
On
Off
3.Charging completion
Off
On
4.Charger alarm
f = 2.5 Hz
Flickering
Off
5.Battery alarm
f = 2.5 Hz
Flickering
Off
6.Temperature waiting control
f = 0.625 Hz
Flickering
Off
4
1.Battery uninstallation
Off
Off
2.Charging control
f = 0.625 Hz
Flickering
Flickering
3.Charging completion
On
On
4.Charger alarm
f = 2.5 Hz
Flickering
Flickering
5.Battery alarm
f = 2.5 Hz
Flickering
Flickering
6.Temperature waiting control/charging start
f = 0.625 Hz
Flickering
Flickering
7.Temperature waiting control/during
charging
On
On
5
1.Battery uninstallation
Off
Off
2.Charging control
On
Off
3.Charging completion
Off
On
4.Charger alarm
Off
Off
5.Battery alarm
Off
Off
6.Temperature waiting control
On
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com