Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC21FTR Datasheet(PDF) 24 Page - STMicroelectronics

Part # STBC21FTR
Description  LI battery charger with thermal regulation
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC21FTR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STBC21FTR Datasheet HTML 20Page - STMicroelectronics STBC21FTR Datasheet HTML 21Page - STMicroelectronics STBC21FTR Datasheet HTML 22Page - STMicroelectronics STBC21FTR Datasheet HTML 23Page - STMicroelectronics STBC21FTR Datasheet HTML 24Page - STMicroelectronics STBC21FTR Datasheet HTML 25Page - STMicroelectronics STBC21FTR Datasheet HTML 26Page - STMicroelectronics STBC21FTR Datasheet HTML 27Page - STMicroelectronics STBC21FTR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 54 page
background image
Detailed description
STBC21
24/54
Doc ID 023256 Rev 1
Figure 13.
Battery alarm flowchart
Figure 14.
Charger alarm flowchart
AM10422v 1
Ba ery alarm detec on
YES
NO
TIMER-1
expired
YES
Ba ery Alarm
LED SET
UVLO on VBAT
VBAT < 3.0V
OVP on VBAT
VBA T > 4.25V
Ba ery hot
VTEMP < 0.3V
Ba ery
Connec on Detec on
error
NO
NO
NO
NO
YES
YES
Ba ery removal
END
YES
YES
NO
Charging Stop
Ba ery unistalla on
LED SET
TIMER-4
expired
VBAT < 1.0V
YES
YES
NO
NO
Fast-Charge
or
End of Charge
YES
NO
AM10423v1
Charger alarm detec on
YES
NO
Charging Stop
UVLO on VCC
VCC < 2.8V
OVP on VCC
VCC > 9.0V
NO
NO
YES
POWER OFF
END
YES
NO
Over Current
IBAT > 1.1A
Charger Alarm
LED SET
YES
Power UP
2.8V Transi on
YES
NO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com