Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC21FTR Datasheet(PDF) 26 Page - STMicroelectronics

Part # STBC21FTR
Description  LI battery charger with thermal regulation
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC21FTR Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STBC21FTR Datasheet HTML 22Page - STMicroelectronics STBC21FTR Datasheet HTML 23Page - STMicroelectronics STBC21FTR Datasheet HTML 24Page - STMicroelectronics STBC21FTR Datasheet HTML 25Page - STMicroelectronics STBC21FTR Datasheet HTML 26Page - STMicroelectronics STBC21FTR Datasheet HTML 27Page - STMicroelectronics STBC21FTR Datasheet HTML 28Page - STMicroelectronics STBC21FTR Datasheet HTML 29Page - STMicroelectronics STBC21FTR Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 54 page
background image
Detailed description
STBC21
26/54
Doc ID 023256 Rev 1
counting. Once the charger exits “idle” state (temperature decrease to 95 °C), it restarts the
operations restoring the status it was in before the interruption.
The flowchart in
Figure 16 shows junction shutdown temperature detection.
Figure 16.
Junction shutdown temperature detection
5.10
I²C data transfer
A standard I²C interface, mapped in pins RES1 (SCL) and RES2 (SDA), is used to
read/write the non-volatile memory integrated into the chip. Both read and write operations
can be always done based on registers or in one operation starting from a given address till
the bottom of the memory.
Example: Write into Reg 01H (Customer Register) in order to set the pre-charge current
(ISET1) to 90 mA and end-charge current (ISET3) to 100 mA.
AM10425v 1
Junc on shutdown
temperature detecon
YES
NO
Charging Stop
Junc on temperature
>115°C
YES
During charge
YES
Charge on going
LED SET
Timers keep coun ng
Junc on temperature
<95°C
Charge restart from the
interrupted point
NO
NO
Table 8.
Write single register
S
SLAVE ADDRESS
R/W
A
REGISTER ADDRESS
A
DATA
A/An
P
Master
Slave (STBC21)
S = START condition (from Master to STBC21)
SLAVE ADDRESS= 6BH
R/W = '0' Write / '1' Read
A = Acknowledge (SDA low from STBC21)
REGISTER ADDRESS = From 00H to 17H (8 bits from MSB to LSB)
DATA = 8 bits data register (from MSB to LSB)
An = Acknowledge/Not Acknowledge (SDA left high from STBC21)
P = STOP condition (from Master to STBC21)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com