Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC21FTR Datasheet(PDF) 17 Page - STMicroelectronics

Part # STBC21FTR
Description  LI battery charger with thermal regulation
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC21FTR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STBC21FTR Datasheet HTML 13Page - STMicroelectronics STBC21FTR Datasheet HTML 14Page - STMicroelectronics STBC21FTR Datasheet HTML 15Page - STMicroelectronics STBC21FTR Datasheet HTML 16Page - STMicroelectronics STBC21FTR Datasheet HTML 17Page - STMicroelectronics STBC21FTR Datasheet HTML 18Page - STMicroelectronics STBC21FTR Datasheet HTML 19Page - STMicroelectronics STBC21FTR Datasheet HTML 20Page - STMicroelectronics STBC21FTR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 54 page
background image
STBC21
Detailed description
Doc ID 023256 Rev 1
17/54
The charge starts if VCC exceeds 2.8 V, the battery is connected and its temperature is in
the safety range (see
Section 5.5).
In addition, the charge cycle starts if the available supply voltage exceeds by VCC-ASD the
BAT pin voltage level.
The start of charge in case of a discharged battery is already described in a previous
paragraph. Meanwhile, if a fully charged battery is connected, the charge starts in constant
voltage mode with TIMER-2 associated.
5.4
Fast-charge programming
When the battery voltage reaches the pre-charge voltage threshold, the STBC21 starts the
fast-charge phase. In this phase, the device charges the battery with a constant current,
programmable by an external resistor that sets the charge current. The formula used to
select the RPRG is as follows:
Equation 1
where VSET = 1.0 V and KPRG = 1000. During this phase, the battery voltage increases until
it reaches the programmed floating voltage or the safety timer expires and the alarm is
activated.
5.5
Charge auto-limitation
The STBC21 includes an auto-limitation algorithm to avoid explosion risks in the Li+ battery.
This algorithm makes sure that the battery is never charged at its maximum floating voltage
if the temperature is above 45 °C or below 10 °C.
Three more ranges are defined outside the safety range TL-TH (10 °C ~ 45 °C) as reported
in
Figure 6.
Table 7.
Start of charge
Item
Delay
Enabling condition
Battery connection detection
400 ms
VTEMP < 2.425 V
VCC voltage detection
10 ms
VCC > 2.8 V
Battery temperature detection
100 ms
0.75 V < VTEMP < 2.128 V
)
I
K
(
V
R
CHG
PRG
SET
PRG
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com