Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC21FTR Datasheet(PDF) 13 Page - STMicroelectronics

Part # STBC21FTR
Description  LI battery charger with thermal regulation
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC21FTR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STBC21FTR Datasheet HTML 9Page - STMicroelectronics STBC21FTR Datasheet HTML 10Page - STMicroelectronics STBC21FTR Datasheet HTML 11Page - STMicroelectronics STBC21FTR Datasheet HTML 12Page - STMicroelectronics STBC21FTR Datasheet HTML 13Page - STMicroelectronics STBC21FTR Datasheet HTML 14Page - STMicroelectronics STBC21FTR Datasheet HTML 15Page - STMicroelectronics STBC21FTR Datasheet HTML 16Page - STMicroelectronics STBC21FTR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
STBC21
Detailed description
Doc ID 023256 Rev 1
13/54
5
Detailed description
The STBC21 is designed to charge single-cell lithium-ion batteries using the constant
current/constant voltage algorithm. The charger can deliver up to 1.1 A (programmable) of
charge current with a final float voltage accuracy of 20 mV.
Once the battery is connected, the normal charge cycle begins when the voltage at the VCC
pin rises above the threshold (VCC_OK).
The process generally starts with a pre-charge phase in constant current mode, where a
reduced charge current (see
Appendix B) is supplied to the battery. A programmable timer
(TIMER-1) during this phase allows possibly damaged batteries to be spotted in case the
voltage doesn't reach the expected value within a given time.
Note that, if the battery voltage is below 1.0 V, the charger first attempts to charge (0 V-
charge mode) for 16 seconds (TIMER-4) to test if the battery is dead. After the TIMER-4 has
elapsed, in case the voltage doesn't cross the 1.0 V threshold, a battery alarm is flagged.
Otherwise the charger keeps on charging.
When the battery voltage reaches 3.0 V, the charging current reaches its maximum value
(fast-charge phase) programmable by an external resistor.
When the battery voltage approaches the final float voltage (programmable, typ. 4.2 V), the
STBC21 enters constant voltage mode and the charge current decreases as the battery
becomes fully charged. The fast-charge and the following constant voltage phases have a
dedicated timer set through bits in NVM to make sure the current reaches its termination
value within a given time. If during this phase the battery voltage falls below VPRE_CH or
rises above 4.23 V (±20 mV), the operation is stopped and an alarm sounds.
The STBC21 terminates the constant voltage phase when the charging current reaches the
termination current threshold (value set in ISET3 register, see
Appendix B). In addition, a
further step (end of charge) can be activated through bits in NVM. In this case, the charging
process in constant voltage mode continues for a predefined amount of time (TIMER-3): this
behavior is useful to increase the battery duration.
After charge termination the battery may be discharged by the leakage. When the battery
voltage reaches VRECH with a lag time of 100 ms the charge automatically restarts. This
feature can be disabled setting a bit in NVM.
If, during the charging phase, one of the timeouts elapses, the charge is stopped and a flag
is set. See
Appendix B for more details on timers. The STBC21 charging process works as
depicted in
Figure 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com