Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC21FTR Datasheet(PDF) 12 Page - STMicroelectronics

Part # STBC21FTR
Description  LI battery charger with thermal regulation
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC21FTR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STBC21FTR Datasheet HTML 8Page - STMicroelectronics STBC21FTR Datasheet HTML 9Page - STMicroelectronics STBC21FTR Datasheet HTML 10Page - STMicroelectronics STBC21FTR Datasheet HTML 11Page - STMicroelectronics STBC21FTR Datasheet HTML 12Page - STMicroelectronics STBC21FTR Datasheet HTML 13Page - STMicroelectronics STBC21FTR Datasheet HTML 14Page - STMicroelectronics STBC21FTR Datasheet HTML 15Page - STMicroelectronics STBC21FTR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 54 page
background image
Electrical characteristics
STBC21
12/54
Doc ID 023256 Rev 1
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
TBAT_THO
Battery THO temperature detection
deglitching time
VCC = 5.0 V
100
ms
TBAT_TL
Battery TL temperature detection
deglitching time
VCC = 5.0 V
100
ms
TBAT_TH
Battery TH temperature detection
deglitching time
VCC = 5.0 V
100
ms
TBAT_THH
Battery THH temperature detection
deglitching time
VCC = 5.0 V
100
ms
TSINK
Duration of battery connection
detection
COUT = 10 µF
100
ms
TDETECT
Duration of battery connection
detection
COUT = 10 µF
300
ms
TIMER-1
Pre-charge timer
± 10% @ 25 °C
±15% in temp range
60
min
TIMER-2
Fast-charge timer (programmable)
± 10% @ 25 °C
±15% in temp range
150
510
min
TIMER-3
Termination timer (programmable)
± 10% @ 25 °C
±15% in temp range
060
min
TIMER-4
0 V-charge timer
± 10% @ 25 °C
±15% in temp range
16
sec
TJ_SH
Junction shutdown temperature
20 °C hysteresis
115
°C
TL
Lower limit of safety range
10 °C
1.74
1.95
V
TH
Upper limit of safety range
45 °C
0.89
1.10
V
THH
Intermediate safety range
50 °C
0.79
1.002
V
THO
Upper limit of functional range
60 °C
0.727
0.75
0.776
V
TLO
Lower limit of functional range
-2 °C
2.087
2.128
2.168
V
Hysteresis
2 °C
28
mV
5 °C
70
mV
Table 6.
Electrical characteristics (DC) (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com