Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC21FTR Datasheet(PDF) 47 Page - STMicroelectronics

Part # STBC21FTR
Description  LI battery charger with thermal regulation
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC21FTR Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STBC21FTR Datasheet HTML 43Page - STMicroelectronics STBC21FTR Datasheet HTML 44Page - STMicroelectronics STBC21FTR Datasheet HTML 45Page - STMicroelectronics STBC21FTR Datasheet HTML 46Page - STMicroelectronics STBC21FTR Datasheet HTML 47Page - STMicroelectronics STBC21FTR Datasheet HTML 48Page - STMicroelectronics STBC21FTR Datasheet HTML 49Page - STMicroelectronics STBC21FTR Datasheet HTML 50Page - STMicroelectronics STBC21FTR Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 54 page
background image
STBC21
Charger, battery and alarm status registers
Doc ID 023256 Rev 1
47/54
Appendix H
Charger, battery and alarm status registers
Table 41.
Address: 11H, Reset state: 00000000
Bit
Name
Read/Write
Function
B7(MSB)
VCC_uvlo
Read
1: VCC undervoltage protection, valid only after initialization.
Cleared at reset or sw_alarms_clr=Reg13H(5).
B6
VCC_ovp
Read
1: VCC over protection. Cleared at reset or sw_alarms_clr.
B5
IBAT_ocp
Read
1: IBAT over protection. Cleared at reset or sw_alarms_clr.
B4
Batt_ovp
Read
1: Battery overvoltage protection always active. Cleared at
battery disconnection or sw_alarms_clr, disabled by
Reg19H(6).
B3
Batt_uvlo
Read
1: Battery undervoltage protection valid only in fast-charge.
Cleared at battery disconnection or sw_alarms_clr.
B2
Batt_hot
Read
1: Battery temperature too high. Cleared at battery
disconnection or sw_alarms_clr.
B1
Batt_detect_KO
Read
1: Battery detection failed. Cleared at battery disconnection
or sw_alarms_clr.
B0(LSB)
Batt_no_conn
Read
1: Battery disconnected
Table 42.
Address: 12H, Reset state: 00000000
Bit
Name
Read/Write
Function
B7(MSB)
ASD_mode
Read
1: Automatic shutdown mode.
B6
Thermal protection
Read
1: Chip temperature over 115 ºC.
B5
Batt_temp_alarm
(T>60 ºC)
Read
1: Battery temp. is out of range during charge. At the first
occurrence it can be cleared if the battery temp. returns
again in a good range; after the first one, a battery
disconnection or sw_alarms_clr is needed.
B4
Batt_temp_alarm
(T>60 ºC or T<0 °C)
Read
1: Battery temp. is out of range during charge. Cleared if
battery temp. returns in a good range or at battery
disconnection or sw_alarm_clr.
B3
Batt_temp_soc
(at batt. insertion)
Read
1: Battery temp. is out of range at start of charge (battery
connection). Cleared at battery disconnection or
sw_alarms_clr or when temperature returns in good range.
B2
Timer2_expired
Read
1: Timer2 expired. Active only during fast-charge. Cleared
at battery disconnection or sw_alarms_clr.
B1
Timer1_expired
Read
1: Timer1 expired. Active only during pre-charge. Cleared
at battery disconnection or sw_alarms_clr.
B0(LSB)
0 V-Chrg_alarm
Read
1: Timer4 expired and battery still under 1 V. Cleared at
battery disconnection or sw_alarms_clr.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com