Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC21FTR Datasheet(PDF) 33 Page - STMicroelectronics

Part # STBC21FTR
Description  LI battery charger with thermal regulation
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC21FTR Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STBC21FTR Datasheet HTML 29Page - STMicroelectronics STBC21FTR Datasheet HTML 30Page - STMicroelectronics STBC21FTR Datasheet HTML 31Page - STMicroelectronics STBC21FTR Datasheet HTML 32Page - STMicroelectronics STBC21FTR Datasheet HTML 33Page - STMicroelectronics STBC21FTR Datasheet HTML 34Page - STMicroelectronics STBC21FTR Datasheet HTML 35Page - STMicroelectronics STBC21FTR Datasheet HTML 36Page - STMicroelectronics STBC21FTR Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 54 page
background image
STBC21
Charging parameters
Doc ID 023256 Rev 1
33/54
Table 17.
ISET3 register description
ISET3 Reg 01H
Bit5
Bit4
Bit3
Bit2
40
mA
0000
50
mA
0001
60
mA
0010
70
mA
0011
80
mA
0100
90
mA
0101
100
mA
0110
110
mA
0111
120
mA
1000
130
mA
1001
140
mA
1010
150
mA
1011
160
mA
1100
170
mA
1101
180
mA
1110
190
mA
1111
Table 18.
Constant voltage register
Name
Temperature range
Setting range
Accuracy
Step
Bit
Total
CV-1
TLO to TL
-2 °C - 10 °C
4.10 V / 4.20 V / 4.05 V
±0.03 V
3
2
8
CV-2
TL to TH
10 °C - 45 °C
4.10 V / 4.20 V / 4.05 V
3
2
CV-3
TH to THH
45 °C - 50 °C
4.10 V / 4.20 V / 4.05 V
3
2
CV-4
THH to THO
50 °C - 60 °C
4.10 V / 4.20 V / 4.05 V
3
2
Table 19.
CV1 bit description
CV1 Reg 02H
Bit1
Bit0
4.05
V
0
0
4.10
V
0
1
4.20
V
1
0
-1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com