Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848JSQ Datasheet(PDF) 34 Page - Texas Instruments

Part # DP83848JSQ
Description  DP83848J PHYTER Mini LS Commercial Temperature Single Port 10/100 Mb/s Ethernet Transceiver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83848JSQ Datasheet(HTML) 34 Page - Texas Instruments

Back Button DP83848JSQ Datasheet HTML 30Page - Texas Instruments DP83848JSQ Datasheet HTML 31Page - Texas Instruments DP83848JSQ Datasheet HTML 32Page - Texas Instruments DP83848JSQ Datasheet HTML 33Page - Texas Instruments DP83848JSQ Datasheet HTML 34Page - Texas Instruments DP83848JSQ Datasheet HTML 35Page - Texas Instruments DP83848JSQ Datasheet HTML 36Page - Texas Instruments DP83848JSQ Datasheet HTML 37Page - Texas Instruments DP83848JSQ Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 80 page
background image
33
www.national.com
5.2 ESD PROTECTION
Typically, ESD precautions are predominantly in effect
when handling the devices or board before being installed
in a system. In those cases, strict handling procedures
need be implemented during the manufacturing process to
greatly reduce the occurrences of catastrophic ESD
events. After the system is assembled, internal compo-
nents are less sensitive from ESD events.
See Section 8.0 for ESD rating.
5.3 CLOCK IN (X1) RECOMMENDATIONS
The DP83848J supports an external CMOS level oscillator
source or a crystal resonator device.
Oscillator
If an external clock source is used, X1 should be tied to the
clock source and X2 should be left floating.
The CMOS oscillator specifications for MII Mode are listed
in Table 7.25 MHz Oscillator Specification. For RMII Mode,
the CMOS oscillator specifications are listed in Table 8.50
MHz Oscillator Specification. For RMII mode, it is not rec-
ommended that the system clock out, Pin 21, be used as
the reference clock to the MAC without first verifying the
interface timing. See AN-1405 for more details..
Crystal
A 25 MHz, parallel, 20 pF load crystal resonator should be
used if a crystal source is desired. Figure 12 shows a typi-
cal connection for a crystal resonator circuit. The load
capacitor values will vary with the crystal vendors; check
with the vendor for the recommended loads.
The oscillator circuit is designed to drive a parallel reso-
nance AT cut crystal with a minimum drive level of 100
µW
and a maximum of 500
µW. If a crystal is specified for a
lower drive level, a current limiting resistor should be
placed in series between X2 and the crystal.
As a starting point for evaluating an oscillator circuit, if the
requirements for the crystal are not known, CL1 and CL2
should be set at 33 pF, and R1 should be set at 0Ω.
Specification for 25 MHz crystal are listed in Table 9..
Figure 12. Crystal Oscillator Circuit
X1
X2
CL2
CL1
R1
Table 7. 25 MHz Oscillator Specification
Parameter
Min
Typ
Max
Units
Condition
Frequency
25
MHz
Frequency
Tolerance
+50
ppm
Operational
Temperature
Frequency
Stability
+50
ppm
1 year aging
Rise / Fall Time
6
nsec
20% - 80%
Jitter
8001
psec
Short term
Jitter
8001
psec
Long term
Symmetry
40%
60%
Duty Cycle
1. This limit is provided as a guideline for component selection and not guaranteed by production testing. Refer to AN-
1548, “PHYTER 100 Base-TX Reference Clock Jitter Tolerance,” for details on jitter performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com