Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848JSQ Datasheet(PDF) 58 Page - Texas Instruments

Part # DP83848JSQ
Description  DP83848J PHYTER Mini LS Commercial Temperature Single Port 10/100 Mb/s Ethernet Transceiver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83848JSQ Datasheet(HTML) 58 Page - Texas Instruments

Back Button DP83848JSQ Datasheet HTML 54Page - Texas Instruments DP83848JSQ Datasheet HTML 55Page - Texas Instruments DP83848JSQ Datasheet HTML 56Page - Texas Instruments DP83848JSQ Datasheet HTML 57Page - Texas Instruments DP83848JSQ Datasheet HTML 58Page - Texas Instruments DP83848JSQ Datasheet HTML 59Page - Texas Instruments DP83848JSQ Datasheet HTML 60Page - Texas Instruments DP83848JSQ Datasheet HTML 61Page - Texas Instruments DP83848JSQ Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 80 page
background image
57
www.national.com
7.2.9 CD Test and BIST Extensions Register
(CDCTRL1)
Table 29. CD Test and BIST Extensions Register (CDCTRL1), address 0x1B
Bit
Bit Name
Default
Description
15:8
BIST_ERROR_CO
UNT
0, RO
BIST ERROR Counter:
Counts number of errored data nibbles during Packet BIST. This
value will reset when Packet BIST is restarted. The counter sticks
when it reaches its max count.
7:6
RESERVED
0, RW
RESERVED:
Must be zero.
5
BIST_CONT_MOD
E
0, RW
Packet BIST Continuous Mode:
Allows continuous pseudo random data transmission without any
break in transmission. This can be used for transmit VOD testing.
This is used in conjunction with the BIST controls in the PHYCR
Register (0x19h). For 10Mb operation, jabber function must be dis-
abled, bit 0 of the 10BTSCR (0x1Ah), JABBER_DIS = 1.
4
CDPATTEN_10
0, RW
CD Pattern Enable for 10Mb:
1 = Enabled.
0 = Disabled.
3
RESERVED
0, RW
RESERVED:
Must be zero.
2
10MEG_PATT_GA
P
0, RW
Defines gap between data or NLP test sequences:
1 = 15
µs.
0 = 10
µs.
1:0
CDPATTSEL[1:0]
00, RW
CD Pattern Select[1:0]:
If CDPATTEN_10 = 1:
00 = Data, EOP0 sequence
01 = Data, EOP1 sequence
10 = NLPs
11 = Constant Manchester 1s (10MHz sine wave) for harmonic dis-
tortion testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com