Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848JSQ Datasheet(PDF) 62 Page - Texas Instruments

Part # DP83848JSQ
Description  DP83848J PHYTER Mini LS Commercial Temperature Single Port 10/100 Mb/s Ethernet Transceiver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83848JSQ Datasheet(HTML) 62 Page - Texas Instruments

Back Button DP83848JSQ Datasheet HTML 58Page - Texas Instruments DP83848JSQ Datasheet HTML 59Page - Texas Instruments DP83848JSQ Datasheet HTML 60Page - Texas Instruments DP83848JSQ Datasheet HTML 61Page - Texas Instruments DP83848JSQ Datasheet HTML 62Page - Texas Instruments DP83848JSQ Datasheet HTML 63Page - Texas Instruments DP83848JSQ Datasheet HTML 64Page - Texas Instruments DP83848JSQ Datasheet HTML 65Page - Texas Instruments DP83848JSQ Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 80 page
background image
61
www.national.com
8.2 AC SPECS
8.2.1 Power Up Timing
Note: In RMII Mode, the minimum Post Power up Stabilization and Hardware Configuration Latch-in times are 84 ms.
Parameter
Description
Notes
Min
Typ
Max
Units
T2.1.1
Post Power Up Stabilization
time prior to MDC preamble for
register accesses
MDIO is pulled high for 32-bit serial man-
agement initialization
X1 Clock must be stable for a min. of
167ms at power up.
167
ms
T2.1.2
Hardware Configuration Latch-
in Time from power up
Hardware Configuration Pins are de-
scribed in the Pin Description section
X1 Clock must be stable for a min. of
167ms at power up.
167
ms
T2.1.3
Hardware Configuration pins
transition to output drivers
50
ns
Vcc
Hardware
RESET_N
MDC
32 clocks
Latch-In of Hardware
Configuration Pins
Dual Function Pins
Become Enabled As Outputs
input
output
T2.1.3
T2.1.2
T2.1.1
X1 clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com