Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848JSQ Datasheet(PDF) 23 Page - Texas Instruments

Part # DP83848JSQ
Description  DP83848J PHYTER Mini LS Commercial Temperature Single Port 10/100 Mb/s Ethernet Transceiver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83848JSQ Datasheet(HTML) 23 Page - Texas Instruments

Back Button DP83848JSQ Datasheet HTML 19Page - Texas Instruments DP83848JSQ Datasheet HTML 20Page - Texas Instruments DP83848JSQ Datasheet HTML 21Page - Texas Instruments DP83848JSQ Datasheet HTML 22Page - Texas Instruments DP83848JSQ Datasheet HTML 23Page - Texas Instruments DP83848JSQ Datasheet HTML 24Page - Texas Instruments DP83848JSQ Datasheet HTML 25Page - Texas Instruments DP83848JSQ Datasheet HTML 26Page - Texas Instruments DP83848JSQ Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 80 page
background image
www.national.com
22
3.3.3 Serial Management Preamble Suppression
The DP83848J supports a Preamble Suppression mode
as indicated by a one in bit 6 of the Basic Mode Status
Register (BMSR, address 01h.) If the station management
entity (i.e. MAC or other management controller) deter-
mines that all PHYs in the system support Preamble Sup-
pression by returning a one in this bit, then the station
management entity need not generate preamble for each
management transaction.
The DP83848J requires a single initialization sequence of
32 bits of preamble following hardware/software reset.
This requirement is generally met by the mandatory pull-
up resistor on MDIO in conjunction with a continuous
MDC, or the management access made to determine
whether Preamble Suppression is supported.
While the DP83848J requires an initial preamble
sequence of 32 bits for management initialization, it does
not require a full 32-bit sequence between each subse-
quent transaction. A minimum of one idle bit between
management transactions is required as specified in the
IEEE 802.3u specification.
Figure 4. Typical MDC/MDIO Read Operation
Figure 5. Typical MDC/MDIO Write Operation
MDC
MDIO
00 0
11
11 0 0 00 0 0 0
(STA)
Idle
Start
Opcode
(Read)
PHY Address
(PHYAD = 0Ch)
Register Address
(00h = BMCR)
TA
Register Data
Z
MDIO
(PHY)
Z
Z
Z
0 0 0 1 1 0 00 1 0 0 0 000 0 0 Z
Idle
Z
Z
MDC
MDIO
000
11
11 0 0 00 0 0 0
(STA)
Idle
Start Opcode
(Write)
PHY Address
(PHYAD = 0Ch)
Register Address
(00h = BMCR)
TA
Register Data
Z
0 0 0
0 00
00 0 0 0 000 Z
Idle
10 0
0
Z
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com