Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848JSQ Datasheet(PDF) 2 Page - Texas Instruments

Part # DP83848JSQ
Description  DP83848J PHYTER Mini LS Commercial Temperature Single Port 10/100 Mb/s Ethernet Transceiver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83848JSQ Datasheet(HTML) 2 Page - Texas Instruments

  DP83848JSQ Datasheet HTML 1Page - Texas Instruments DP83848JSQ Datasheet HTML 2Page - Texas Instruments DP83848JSQ Datasheet HTML 3Page - Texas Instruments DP83848JSQ Datasheet HTML 4Page - Texas Instruments DP83848JSQ Datasheet HTML 5Page - Texas Instruments DP83848JSQ Datasheet HTML 6Page - Texas Instruments DP83848JSQ Datasheet HTML 7Page - Texas Instruments DP83848JSQ Datasheet HTML 8Page - Texas Instruments DP83848JSQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 80 page
background image
© 2008 National Semiconductor Corporation
www.national.com
DP83848J PHYTER® Mini LS
Commercial Temperature Single Port 10/100 Ethernet
Transceiver
May 2008
System Diagram
PHYTER® is a registered trademark of National Semiconductor Corporation.
Status
10BASE-T
or
100BASE-TX
MII/RMII
Typical Ethernet Application
Clock
LED/s
DP83848J
10/100 Ethernet
Transceiver
MPU/CPU
Source
Features
• Low-power 3.3V, 0.18
µm CMOS technology
• Auto-MDIX for 10/100 Mb/s
• Energy Detection Mode
• 3.3V MAC Interface
• RMII Rev. 1.2 Interface (configurable)
• MII Interface
• MII serial management interface (MDC and MDIO)
• IEEE 802.3u Auto-Negotiation and Parallel Detection
• IEEE 802.3u ENDEC, 10BASE-T transceivers and filters
• IEEE 802.3u PCS, 100BASE-TX transceivers and filters
• Integrated ANSI X3.263 compliant TP-PMD physical sub-
layer with adaptive equalization and Baseline Wander
compensation
• Error-free Operation beyond 137 meters
• ESD protection - greater than 4KV Human body model
• Configurable LED for link and activity
• Single register access for complete PHY status
• 10/100 Mb/s packet BIST (Built in Self Test)
• 40 pin LLP package (6mm) x (6mm) x (0.8mm)
General Description
The DP83848J addresses the quality, reliability and small
form factor required for space sensitive applications in
embedded systems.
The DP83848J offers performance far exceeding the
IEEE specifications, with superior interoperability and
industry leading performance beyond 137m of Cat-V
cable. The DP83848J also offers Auto-MDIX to remove
cabling complications. DP83848J has superior ESD pro-
tection, greater than 4KV Human Body Model, providing
extremely high reliability and robust operation, ensuring a
high level performance in all applications.
DP83848J offers two flexible LED indicators - one for Link
and the other for Speed. In addition, both MII and RMII
are supported ensuring ease and flexibility of design.
The DP83848J is offered in a tiny 6mm x 6mm LLP 40-pin
package and is ideal for industrial controls, building/fac-
tory automation, transportation, test equipment and wire-
less base stations.
Applications
• Peripheral devices
• Mobile devices
• Factory and building automation
• Base stations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com