Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848JSQ Datasheet(PDF) 63 Page - Texas Instruments

Part # DP83848JSQ
Description  DP83848J PHYTER Mini LS Commercial Temperature Single Port 10/100 Mb/s Ethernet Transceiver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83848JSQ Datasheet(HTML) 63 Page - Texas Instruments

Back Button DP83848JSQ Datasheet HTML 59Page - Texas Instruments DP83848JSQ Datasheet HTML 60Page - Texas Instruments DP83848JSQ Datasheet HTML 61Page - Texas Instruments DP83848JSQ Datasheet HTML 62Page - Texas Instruments DP83848JSQ Datasheet HTML 63Page - Texas Instruments DP83848JSQ Datasheet HTML 64Page - Texas Instruments DP83848JSQ Datasheet HTML 65Page - Texas Instruments DP83848JSQ Datasheet HTML 66Page - Texas Instruments DP83848JSQ Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 80 page
background image
www.national.com
62
8.2.2 Reset Timing
Note: It is important to choose pull-up and/or pull-down resistors for each of the hardware configuration pins that provide
fast RC time constants in order to latch-in the proper value prior to the pin transitioning to an output driver.
Vcc
Hardware
RESET_N
MDC
32 clocks
Latch-In of Hardware
Configuration Pins
Dual Function Pins
Become Enabled As Outputs
input
output
T2.2.3
T2.2.2
T2.2.1
X1 clock
T2.2.4
Parameter
Description
Notes
Min
Typ
Max
Units
T2.2.1
Post RESET Stabilization time
prior to MDC preamble for reg-
ister accesses
MDIO is pulled high for 32-bit serial man-
agement initialization
3
µs
T2.2.2
Hardware Configuration Latch-
in Time from the Deassertion
of RESET (either soft or hard)
Hardware Configuration Pins are de-
scribed in the Pin Description section
3
µs
T2.2.3
Hardware Configuration pins
transition to output drivers
50
ns
T2.2.4
RESET pulse width
X1 Clock must be stable for at min. of 1us
during RESET pulse low time.
1
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com