Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848JSQ Datasheet(PDF) 13 Page - Texas Instruments

Part # DP83848JSQ
Description  DP83848J PHYTER Mini LS Commercial Temperature Single Port 10/100 Mb/s Ethernet Transceiver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83848JSQ Datasheet(HTML) 13 Page - Texas Instruments

Back Button DP83848JSQ Datasheet HTML 9Page - Texas Instruments DP83848JSQ Datasheet HTML 10Page - Texas Instruments DP83848JSQ Datasheet HTML 11Page - Texas Instruments DP83848JSQ Datasheet HTML 12Page - Texas Instruments DP83848JSQ Datasheet HTML 13Page - Texas Instruments DP83848JSQ Datasheet HTML 14Page - Texas Instruments DP83848JSQ Datasheet HTML 15Page - Texas Instruments DP83848JSQ Datasheet HTML 16Page - Texas Instruments DP83848JSQ Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 80 page
background image
www.national.com
12
AN0 (LED_LINK)
AN1 (LED_SPEED)
S, O, PU
S, O, PU
22
21
These input pins control the advertised operating mode of the de-
vice according to the following table. The value on these pins are
set by connecting them to GND (0) or VCC (1) through 2.2 kΩ re-
sistors. These pins should NEVER be connected directly to
GND or VCC.
The value set at this input is latched into the DP83848J at Hard-
ware-Reset.
The float/pull-down status of these pins are latched into the Basic
Mode Control Register and the Auto_Negotiation Advertisement
Register during Hardware-Reset.
The default for DP83848J is 11 since these pins have an internal
pull-up.
MII_MODE (RX_DV)
S, O, PD
32
MII MODE SELECT: This strapping option determines the oper-
ating mode of the MAC Data Interface. Default operation (No pul-
lup) will enable normal MII Mode of operation. Strapping
MII_MODE high will cause the device to be in RMII mode of oper-
ation. Since the pin includes an internal pull-down, the default val-
ue is 0.
The following table details the configuration:
LED_CFG (CRS/CRS_DV)
S, O, PU
33
LED CONFIGURATION: This strapping option determines the
mode of operation of the LED pins. Default is Mode 1. Mode 1 and
Mode 2 can be controlled via the strap option. All modes are con-
figurable via register access.
SeeTable 3 for LED Mode Selection.
MDIX_EN (RX_ER)
S, O, PU
34
MDIX ENABLE: Default is to enable MDIX. This strapping option
disables Auto-MDIX. An external pull-down will disable Auto-
MDIX mode.
Signal Name
Type
Pin #
Description
AN1
AN0
Advertised Mode
0
0
10BASE-T, Half/Full-Duplex
0
1
100BASE-TX, Half/Full-Duplex
1
0
10BASE-T, Half-Duplex
100BASE-TX, Half-Duplex
1
1
10BASE-T, Half/Full-Duplex
100BASE-TX,Half/Full-Duplex
MII_MODE
MAC Interface Mode
0MII Mode
1
RMII Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com