Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848JSQ Datasheet(PDF) 10 Page - Texas Instruments

Part # DP83848JSQ
Description  DP83848J PHYTER Mini LS Commercial Temperature Single Port 10/100 Mb/s Ethernet Transceiver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83848JSQ Datasheet(HTML) 10 Page - Texas Instruments

Back Button DP83848JSQ Datasheet HTML 6Page - Texas Instruments DP83848JSQ Datasheet HTML 7Page - Texas Instruments DP83848JSQ Datasheet HTML 8Page - Texas Instruments DP83848JSQ Datasheet HTML 9Page - Texas Instruments DP83848JSQ Datasheet HTML 10Page - Texas Instruments DP83848JSQ Datasheet HTML 11Page - Texas Instruments DP83848JSQ Datasheet HTML 12Page - Texas Instruments DP83848JSQ Datasheet HTML 13Page - Texas Instruments DP83848JSQ Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 80 page
background image
9
www.national.com
1.0 Pin Descriptions
The DP83848J pins are classified into the following inter-
face categories (each interface is described in the sections
that follow):
— Serial Management Interface
— MAC Data Interface
— Clock Interface
— LED Interface
—Reset
— Strap Options
— 10/100 Mb/s PMD Interface
— Special Connect Pins
— Power and Ground pins
Note: Strapping pin option. Please see Section 1.6 for strap
definitions.
All DP83848J signal pins are I/O cells regardless of the
particular use. The definitions below define the functionality
of the I/O cells for each pin.
1.1 SERIAL MANAGEMENT INTERFACE
1.2 MAC DATA INTERFACE
Type: I
Input
Type: O
Output
Type: I/O
Input/Output
Type: PD,PU Internal Pulldown/Pullup
Type: S
Strapping Pin (All strap pins have weak in-
ternal pull-ups or pull-downs. If the default
strap value is needed to be changed then an
external 2.2 k
Ω resistor should be used.
Please see Section 1.6 for details.)
Signal Name
Type
Pin #
Description
MDC
I
25
MANAGEMENT DATA CLOCK: Synchronous clock to the MDIO
management data input/output serial interface which may be
asynchronous to transmit and receive clocks. The maximum clock
rate is 25 MHz with no minimum clock rate.
MDIO
I/O
24
MANAGEMENT DATA I/O: Bi-directional management instruc-
tion/data signal that may be sourced by the station management
entity or the PHY. This pin requires a 1.5 k
Ω pullup resistor.
Signal Name
Type
Pin #
Description
TX_CLK
O
2
MII TRANSMIT CLOCK: 25 MHz Transmit clock output in 100
Mb/s mode or 2.5 MHz in 10 Mb/s mode derived from the 25 MHz
reference clock.
Unused in RMII mode. The device uses the X1 reference clock in-
put as the 50 MHz reference for both transmit and receive.
TX_EN
I, PD
3
MII TRANSMIT ENABLE: Active high input indicates the pres-
ence of valid data inputs on TXD[3:0].
RMII TRANSMIT ENABLE: Active high input indicates the pres-
ence of valid data on TXD[1:0].
TXD_0
TXD_1
TXD_2
TXD_3
I
I, PD
4
5
6
7
MII TRANSMIT DATA: Transmit data MII input pins, TXD[3:0],
that accept data synchronous to the TX_CLK (2.5 MHz in 10 Mb/s
mode or 25 MHz in 100 Mb/s mode).
RMII TRANSMIT DATA: Transmit data RMII input pins, TXD[1:0],
that accept data synchronous to the 50 MHz reference clock.
RX_CLK
O
31
MII RECEIVE CLOCK: Provides the 25 MHz recovered receive
clocks for 100 Mb/s mode and 2.5 MHz for 10 Mb/s mode.
Unused in RMII mode. The device uses the X1 reference clock in-
put as the 50 MHz reference for both transmit and receive.
RX_DV
O, PD
32
MII RECEIVE DATA VALID: Asserted high to indicate that valid
data is present on the corresponding RXD[3:0].
RMII Synchronous Receive Data Valid: This signal provides the
RMII Receive Data Valid indication independent of Carrier Sense.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com