Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848JSQ Datasheet(PDF) 73 Page - Texas Instruments

Part # DP83848JSQ
Description  DP83848J PHYTER Mini LS Commercial Temperature Single Port 10/100 Mb/s Ethernet Transceiver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83848JSQ Datasheet(HTML) 73 Page - Texas Instruments

Back Button DP83848JSQ Datasheet HTML 69Page - Texas Instruments DP83848JSQ Datasheet HTML 70Page - Texas Instruments DP83848JSQ Datasheet HTML 71Page - Texas Instruments DP83848JSQ Datasheet HTML 72Page - Texas Instruments DP83848JSQ Datasheet HTML 73Page - Texas Instruments DP83848JSQ Datasheet HTML 74Page - Texas Instruments DP83848JSQ Datasheet HTML 75Page - Texas Instruments DP83848JSQ Datasheet HTML 76Page - Texas Instruments DP83848JSQ Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 80 page
background image
www.national.com
72
8.2.19 10BASE-T Normal Link Pulse Timing
Note: These specifications represent transmit timings.
8.2.20 Auto-Negotiation Fast Link Pulse (FLP) Timing
Note: These specifications represent transmit timings.
Parameter
Description
Notes
Min
Typ
Max
Units
T2.19.1
Pulse Width
100
ns
T2.19.2
Pulse Period
16
ms
T2.19.2
T2.19.1
Normal Link Pulse(s)
clock
pulse
data
pulse
clock
pulse
FLP Burst
FLP Burst
Fast Link Pulse(s)
T2.20.1
T2.20.1
T2.20.2
T2.20.3
T2.20.4
T2.20.5
Parameter
Description
Notes
Min
Typ
Max
Units
T2.20.1
Clock, Data Pulse Width
100
ns
T2.20.2
Clock Pulse to Clock Pulse
Period
125
µs
T2.20.3
Clock Pulse to Data Pulse
Period
Data = 1
62
µs
T2.20.4
Burst Width
2ms
T2.20.5
FLP Burst to FLP Burst Period
16
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com