Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848JSQ Datasheet(PDF) 11 Page - Texas Instruments

Part # DP83848JSQ
Description  DP83848J PHYTER Mini LS Commercial Temperature Single Port 10/100 Mb/s Ethernet Transceiver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83848JSQ Datasheet(HTML) 11 Page - Texas Instruments

Back Button DP83848JSQ Datasheet HTML 7Page - Texas Instruments DP83848JSQ Datasheet HTML 8Page - Texas Instruments DP83848JSQ Datasheet HTML 9Page - Texas Instruments DP83848JSQ Datasheet HTML 10Page - Texas Instruments DP83848JSQ Datasheet HTML 11Page - Texas Instruments DP83848JSQ Datasheet HTML 12Page - Texas Instruments DP83848JSQ Datasheet HTML 13Page - Texas Instruments DP83848JSQ Datasheet HTML 14Page - Texas Instruments DP83848JSQ Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 80 page
background image
www.national.com
10
1.3 CLOCK INTERFACE
RX_ER
S, O, PU
34
MII RECEIVE ERROR: Asserted high synchronously to RX_CLK
to indicate that an invalid symbol has been detected within a re-
ceived packet in 100 Mb/s mode.
RMII RECEIVE ERROR: Assert high synchronously to X1 when-
ever it detects a media error and RX_DV is asserted in 100 Mb/s
mode.
This pin is not required to be used by a MAC, in either MII or RMII
mode, since the Phy is required to corrupt data on a receive error.
RXD_0
RXD_1
RXD_2
RXD_3
S, O, PD
36
37
38
39
MII RECEIVE DATA: Nibble wide receive data signals driven syn-
chronously to the RX_CLK, 25 MHz for 100 Mb/s mode, 2.5 MHz
for 10 Mb/s mode). RXD[3:0] signals contain valid data when
RX_DV is asserted.
RMII RECEIVE DATA: 2-bits receive data signals, RXD[1:0], driv-
en synchronously to the X1 clock, 50 MHz.
CRS/CRS_DV
S, O, PU
33
MII CARRIER SENSE: Asserted high to indicate the receive me-
dium is non-idle.
RMII CARRIER SENSE/RECEIVE DATA VALID: This signal
combines the RMII Carrier and Receive Data Valid indications.
For a detailed description of this signal, see the RMII Specifica-
tion.
COL
S, O, PU
35
MII COLLISION DETECT: Asserted high to indicate detection of
a collision condition (simultaneous transmit and receive activity)
in 10 Mb/s and 100 Mb/s Half Duplex Modes.
While in 10BASE-T Half Duplex mode with heartbeat enabled this
pin is also asserted for a duration of approximately 1
µs at the end
of transmission to indicate heartbeat (SQE test).
In Full Duplex Mode, for 10 Mb/s or 100 Mb/s operation, this sig-
nal is always logic 0. There is no heartbeat function during 10
Mb/s full duplex operation.
RMII COLLISION DETECT: Per the RMII Specification, no COL
signal is required. The MAC will recover CRS from the CRS_DV
signal and use that along with its TX_EN signal to determine col-
lision.
Signal Name
Type
Pin #
Description
X1
I
28
CRYSTAL/OSCILLATOR INPUT: This pin is the primary clock
reference input for the DP83848J and must be connected to a 25
MHz 0.005% (+50 ppm) clock source. The DP83848J supports ei-
ther an external crystal resonator connected across pins X1 and
X2, or an external CMOS-level oscillator source connected to pin
X1 only.
RMII REFERENCE CLOCK: This pin is the primary clock refer-
ence input for the RMII mode and must be connected to a 50 MHz
0.005% (+50 ppm) CMOS-level oscillator source.
X2
O
27
CRYSTAL OUTPUT: This pin is the primary clock reference out-
put to connect to an external 25 MHz crystal resonator device.
This pin must be left unconnected if an external CMOS oscillator
clock source is used.
Signal Name
Type
Pin #
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com