Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848JSQ Datasheet(PDF) 44 Page - Texas Instruments

Part # DP83848JSQ
Description  DP83848J PHYTER Mini LS Commercial Temperature Single Port 10/100 Mb/s Ethernet Transceiver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83848JSQ Datasheet(HTML) 44 Page - Texas Instruments

Back Button DP83848JSQ Datasheet HTML 40Page - Texas Instruments DP83848JSQ Datasheet HTML 41Page - Texas Instruments DP83848JSQ Datasheet HTML 42Page - Texas Instruments DP83848JSQ Datasheet HTML 43Page - Texas Instruments DP83848JSQ Datasheet HTML 44Page - Texas Instruments DP83848JSQ Datasheet HTML 45Page - Texas Instruments DP83848JSQ Datasheet HTML 46Page - Texas Instruments DP83848JSQ Datasheet HTML 47Page - Texas Instruments DP83848JSQ Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 80 page
background image
43
www.national.com
The PHY Identifier Registers #1 and #2 together form a unique identifier for the DP83848J. The Identifier consists of a
concatenation of the Organizationally Unique Identifier (OUI), the vendor's model number and the model revision num-
ber. A PHY may return a value of zero in each of the 32 bits of the PHY Identifier if desired. The PHY Identifier is intended
to support network management. National's IEEE assigned OUI is 080017h.
7.1.3 PHY Identifier Register #1 (PHYIDR1)
7.1.4 PHY Identifier Register #2 (PHYIDR2)
7.1.5 Auto-Negotiation Advertisement Register (ANAR)
This register contains the advertised abilities of this device as they will be transmitted to its link partner during Auto-Nego-
tiation. Any writes to this register prior to completion of Auto-Negotiation (as indicated in the Basic Mode Status Register
(address 0x01) Auto-Negotiation complete bit, BMSR[5] ) should be followed by a renegotiation. This will ensure that the
new values are properly used in the Auto-Negotiation.
Table 14. PHY Identifier Register #1 (PHYIDR1), address 0x02
Bit
Bit Name
Default
Description
15:0
OUI_MSB
<0010 0000 0000
0000>, RO/P
OUI Most Significant Bits: Bits 3 to 18 of the OUI (080017h) are
stored in bits 15 to 0 of this register. The most significant two bits
of the OUI are ignored (the IEEE standard refers to these as bits 1
and 2).
Table 15. PHY Identifier Register #2 (PHYIDR2), address 0x03
Bit
Bit Name
Default
Description
15:10
OUI_LSB
<0101 11>, RO/P OUI Least Significant Bits:
Bits 19 to 24 of the OUI (080017h) are mapped from bits 15 to 10
of this register respectively.
9:4
VNDR_MDL
<00 1001>, RO/P Vendor Model Number:
The six bits of vendor model number are mapped from bits 9 to 4
(most significant bit to bit 9).
3:0
MDL_REV
<0000>, RO/P
Model Revision Number:
Four bits of the vendor model revision number are mapped from
bits 3 to 0 (most significant bit to bit 3). This field will be incremented
for all major device changes.
Table 16. Negotiation Advertisement Register (ANAR), address 0x04
Bit
Bit Name
Default
Description
15
NP
0, RW
Next Page Indication:
0 = Next Page Transfer not desired.
1 = Next Page Transfer desired.
14
RESERVED
0, RO/P
RESERVED by IEEE: Writes ignored, Read as 0.
13
RF
0, RW
Remote Fault:
1 = Advertises that this device has detected a Remote Fault.
0 = No Remote Fault detected.
12
RESERVED
0, RW
RESERVED for Future IEEE use: Write as 0, Read as 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com