Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848JSQ Datasheet(PDF) 29 Page - Texas Instruments

Part # DP83848JSQ
Description  DP83848J PHYTER Mini LS Commercial Temperature Single Port 10/100 Mb/s Ethernet Transceiver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83848JSQ Datasheet(HTML) 29 Page - Texas Instruments

Back Button DP83848JSQ Datasheet HTML 25Page - Texas Instruments DP83848JSQ Datasheet HTML 26Page - Texas Instruments DP83848JSQ Datasheet HTML 27Page - Texas Instruments DP83848JSQ Datasheet HTML 28Page - Texas Instruments DP83848JSQ Datasheet HTML 29Page - Texas Instruments DP83848JSQ Datasheet HTML 30Page - Texas Instruments DP83848JSQ Datasheet HTML 31Page - Texas Instruments DP83848JSQ Datasheet HTML 32Page - Texas Instruments DP83848JSQ Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 80 page
background image
www.national.com
28
4.2.2.2 Base Line Wander Compensation
The DP83848J is completely ANSI TP-PMD compliant
and includes Base Line Wander (BLW) compensation.
The BLW compensation block can successfully recover
the TP-PMD defined “killer” pattern.
BLW can generally be defined as the change in the aver-
age DC content, relatively short period over time, of an AC
coupled digital transmission over a given transmission
medium. (i.e., copper wire).
BLW results from the interaction between the low fre-
quency components of a transmitted bit stream and the
frequency response of the AC coupling component(s)
within the transmission system. If the low frequency con-
tent of the digital bit stream goes below the low frequency
pole of the AC coupling transformers then the droop char-
acteristics of the transformers will dominate resulting in
potentially serious BLW.
The digital oscilloscope plot provided in Figure 9 illus-
trates the severity of the BLW event that can theoretically
be generated during 100BASE-TX packet transmission.
This event consists of approximately 800 mV of DC offset
for a period of 120
µs. Left uncompensated, events such
as this can cause packet loss.
4.2.3 Signal Detect
The signal detect function of the DP83848J is incorpo-
rated to meet the specifications mandated by the ANSI
FDDI TP-PMD Standard as well as the IEEE 802.3
100BASE-TX Standard for both voltage thresholds and
timing parameters.
Note that the reception of normal 10BASE-T link pulses
and fast link pulses per IEEE 802.3u Auto-Negotiation by
the 100BASE-TX receiver do not cause the DP83848J to
assert signal detect.
4.2.4 MLT-3 to NRZI Decoder
The DP83848J decodes the MLT-3 information from the
Digital Adaptive Equalizer block to binary NRZI data.
4.2.5 NRZI to NRZ
In a typical application, the NRZI to NRZ decoder is
required in order to present NRZ formatted data to the
descrambler.
4.2.6 Serial to Parallel
The 100BASE-TX receiver includes a Serial to Parallel
converter which supplies 5-bit wide data symbols to the
PCS Rx state machine.
Figure 9. 100BASE-TX BLW Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com