Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848JSQ Datasheet(PDF) 12 Page - Texas Instruments

Part # DP83848JSQ
Description  DP83848J PHYTER Mini LS Commercial Temperature Single Port 10/100 Mb/s Ethernet Transceiver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83848JSQ Datasheet(HTML) 12 Page - Texas Instruments

Back Button DP83848JSQ Datasheet HTML 8Page - Texas Instruments DP83848JSQ Datasheet HTML 9Page - Texas Instruments DP83848JSQ Datasheet HTML 10Page - Texas Instruments DP83848JSQ Datasheet HTML 11Page - Texas Instruments DP83848JSQ Datasheet HTML 12Page - Texas Instruments DP83848JSQ Datasheet HTML 13Page - Texas Instruments DP83848JSQ Datasheet HTML 14Page - Texas Instruments DP83848JSQ Datasheet HTML 15Page - Texas Instruments DP83848JSQ Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 80 page
background image
11
www.national.com
1.4 LED INTERFACE
See Table 3 for LED Mode Selection.
1.5 RESET
1.6 STRAP OPTIONS
DP83848J uses many functional pins as strap options. The
values of these pins are sampled during reset and used to
strap the device into specific modes of operation. The strap
option pin assignments are defined below. The functional
pin name is indicated in parentheses.
A 2.2 k
Ω resistor should be used for pull-down or pull-up to
change the default strap option. If the default option is
required, then there is no need for external pull-up or pull
down resistors. Since these pins may have alternate func-
tions after reset is deasserted, they should not be con-
nected directly to VCC or GND.
Signal Name
Type
Pin #
Description
LED_LINK
S, O, PU
22
LINK LED: In Mode 1, this pin indicates the status of the LINK.
The LED will be ON when Link is good.
LINK/ACT LED: In Mode 2, this pin indicates transmit and receive
activity in addition to the status of the Link. The LED will be ON
when Link is good. It will blink when the transmitter or receiver is
active.
LED_SPEED
S, O, PU
21
SPEED LED: This LED is ON when DP83848J is in 100Mb/s and
OFF when DP83848J is in 10Mb/s. Functionality of this LED is in-
dependent of the mode selected.
Signal Name
Type
Pin #
Description
RESET_N
I, PU
23
RESET: Active Low input that initializes or re-initializes the
DP83848J. Asserting this pin low for at least 1
µs will force a reset
process to occur. All internal registers will re-initialize to their de-
fault states as specified for each bit in the Register Block section.
All strap options are re-initialized as well.
Signal Name
Type
Pin #
Description
PHYAD0 (COL)
PHYAD1 (RXD_0)
PHYAD2 (RXD_1)
PHYAD3 (RXD_2)
PHYAD4 (RXD_3)
S, O, PU
S, O, PD
35
36
37
38
39
PHY ADDRESS [4:0]: The DP83848J provides five PHY address
pins, the state of which are latched into the PHYCTRL register at
system Hardware-Reset.
The DP83848J supports PHY Address strapping values 0
(<00000>) through 31 (<11111>). A PHY Address of 0 puts the
part into the MII Isolate Mode. The MII isolate mode must be se-
lected by strapping Phy Address 0; changing to Address 0 by reg-
ister write will not put the Phy in the MII isolate mode. Please refer
to section 2.3 for additional information.
PHYAD0 pin has weak internal pull-up resistor.
PHYAD[4:1] pins have weak internal pull-down resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com