Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848JSQ Datasheet(PDF) 36 Page - Texas Instruments

Part # DP83848JSQ
Description  DP83848J PHYTER Mini LS Commercial Temperature Single Port 10/100 Mb/s Ethernet Transceiver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83848JSQ Datasheet(HTML) 36 Page - Texas Instruments

Back Button DP83848JSQ Datasheet HTML 32Page - Texas Instruments DP83848JSQ Datasheet HTML 33Page - Texas Instruments DP83848JSQ Datasheet HTML 34Page - Texas Instruments DP83848JSQ Datasheet HTML 35Page - Texas Instruments DP83848JSQ Datasheet HTML 36Page - Texas Instruments DP83848JSQ Datasheet HTML 37Page - Texas Instruments DP83848JSQ Datasheet HTML 38Page - Texas Instruments DP83848JSQ Datasheet HTML 39Page - Texas Instruments DP83848JSQ Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 80 page
background image
35
www.national.com
5.4 POWER FEEDBACK CIRCUIT
To ensure correct operation for the DP83848J, parallel
caps with values of 10
µF (Tantalum) and 0.1 µF should be
placed close to pin 19 (PFBOUT) of the device.
Pin 16 (PFBIN1) and pin 30 (PFBIN2) must be connected
to pin 19 (PFBOUT), each pin requires a small capacitor
(0.1
µF). See Figure 13 below for proper connections.
5.5 POWER DOWN
The device can be put in a Power Down mode by setting bit
11 (Power Down) in the Basic Mode Control Register,
BMCR (0x00h).
5.6 ENERGY DETECT MODE
When Energy Detect is enabled and there is no activity on
the cable, the DP83848J will remain in a low power mode
while monitoring the transmission line. Activity on the line
will cause the DP83848J to go through a normal power up
sequence. Regardless of cable activity, the DP83848J will
occasionally wake up the transmitter to put ED pulses on
the line, but will otherwise draw as little power as possible.
Energy detect functionality is controlled via register Energy
Detect Control (EDCR), address 0x1Dh.
6.0 Reset Operation
The DP83848J includes an internal power-on reset (POR)
function and does not need to be explicitly reset for normal
operation after power up. If required during normal opera-
tion, the device can be reset by a hardware or software
reset.
6.1 HARDWARE RESET
A hardware reset is accomplished by applying a low pulse
(TTL level), with a duration of at least 1
µs, to the
RESET_N. This will reset the device such that all registers
will be reinitialized to default values and the hardware con-
figuration values will be re-latched into the device (similar
to the power-up/reset operation).
6.2 SOFTWARE RESET
A software reset is accomplished by setting the reset bit
(bit 15) of the Basic Mode Control Register (BMCR). The
period from the point in time when the reset bit is set to the
point in time when software reset has concluded is approx-
imately 1
µs.
The software reset will reset the device such that all regis-
ters will be reset to default values and the hardware config-
0.1
µF
10
µF
Pin 19 (PFBOUT)
0.1
µF
0.1
µF
Pin 16 (PFBIN1)
Pin 30 (PFBIN2)
+
-
Figure 13. Power Feedback Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com