Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848JSQ Datasheet(PDF) 77 Page - Texas Instruments

Part # DP83848JSQ
Description  DP83848J PHYTER Mini LS Commercial Temperature Single Port 10/100 Mb/s Ethernet Transceiver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83848JSQ Datasheet(HTML) 77 Page - Texas Instruments

Back Button DP83848JSQ Datasheet HTML 72Page - Texas Instruments DP83848JSQ Datasheet HTML 73Page - Texas Instruments DP83848JSQ Datasheet HTML 74Page - Texas Instruments DP83848JSQ Datasheet HTML 75Page - Texas Instruments DP83848JSQ Datasheet HTML 76Page - Texas Instruments DP83848JSQ Datasheet HTML 77Page - Texas Instruments DP83848JSQ Datasheet HTML 78Page - Texas Instruments DP83848JSQ Datasheet HTML 79Page - Texas Instruments DP83848JSQ Datasheet HTML 80Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 77 / 80 page
background image
www.national.com
76
8.2.25 RMII Receive Timing
Note: Per the RMII Specification, output delays assume a 25pF load.
Note: CRS_DV is asserted asynchronously in order to minimize latency of control signals through the Phy. CRS_DV may
toggle synchronously at the end of the packet to indicate CRS deassertion.
Note: RX_DV is synchronous to X1. While not part of the RMII specification, this signal is provided to simplify recovery of
receive data.
Note: CRS ON delay is measured from the first bit of the JK symbol on the PMD Input Pair to initial assertion of CRS_DV.
Note: CRS OFF delay is measured from the first bit of the TR symbol on the PMD Input Pair to initial de-assertion of
CRS_DV.
Note: Receive Latency is measured from the first bit of the symbol pair on the PMD Input Pair. Typical values are with the
Elasticity Buffer set to the default value (01).
Parameter
Description
Notes
Min
Typ
Max
Units
T2.25.1
X1 Clock Period
50 MHz Reference Clock
20
ns
T2.25.2
RXD[1:0], CRS_DV, RX_DV,
and RX_ER output delay from
X1 rising
214
ns
T2.25.3
CRS ON delay
From JK symbol on PMD Receive Pair to
initial assertion of CRS_DV
18.5
bits
T2.25.4
CRS OFF delay
From TR symbol on PMD Receive Pair to
initial deassertion of CRS_DV
27
bits
T2.25.5
RXD[1:0] and RX_ER latency
From symbol on Receive Pair. Elasticity
buffer set to default value (01)
38
bits
CRS_DV
X1
RXD[1:0]
RX_ER
T2.25.2
T2.25.1
T2.25.2
PMD Input Pair
IDLE
Data
(J/K)
T2.25.3
T2.25.5
Data
(TR)
T2.25.4
RX_DV
T2.25.2
T2.25.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com