Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA381BW Datasheet(PDF) 124 Page - STMicroelectronics

Part # STA381BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BW Datasheet(HTML) 124 Page - STMicroelectronics

Back Button STA381BW Datasheet HTML 120Page - STMicroelectronics STA381BW Datasheet HTML 121Page - STMicroelectronics STA381BW Datasheet HTML 122Page - STMicroelectronics STA381BW Datasheet HTML 123Page - STMicroelectronics STA381BW Datasheet HTML 124Page - STMicroelectronics STA381BW Datasheet HTML 125Page - STMicroelectronics STA381BW Datasheet HTML 126Page - STMicroelectronics STA381BW Datasheet HTML 127Page - STMicroelectronics STA381BW Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 174 page
background image
Register description: Sound Terminal compatibility
STA381BW
124/174
DocID018835 Rev 8
7.6.2
Invalid input detect mute enable
Setting the IDE bit enables this function, which looks at the input I2S data and automatically
mutes if the signals are perceived as invalid.
7.6.3
Binary output mode clock loss detection
This bit detects loss of input MCLK in binary mode and will output 50% duty cycle.
7.6.4
LRCK double trigger protection
This bit actively prevents double triggering of LRCLK.
7.6.5
IC power-down
The PWDN register is used to place the IC in a low-power state. When PWDN is written
as 0, the output begins a soft-mute. After the mute condition is reached, EAPD is asserted
to power down the power stage, then the master clock to all internal hardware except the
I2C block is gated. This places the IC in a very low power consumption state.
7.6.6
External amplifier power-down
Table 126. Invalid input detect mute enable
Bit
R/W
RST
Name
Description
2
R/W
1
IDE
Setting of 1 enables the automatic invalid input detect mute
Table 127. Binary output mode clock loss detection
Bit
R/W
RST
Name
Description
3
R/W
1
BCLE
Binary output mode clock loss detection enable
Table 128. LRCK double trigger protection
Bit
R/W
RST
Name
Description
4
R/W
1
LDTE
LRCLK double trigger protection enable
Table 129. IC power-down
Bit
R/W
RST
Name
Description
7
R/W
1
PWDN
0: IC power-down low-power condition
1: IC normal operation
Table 130. External amplifier power-down
Bit
R/W
RST
Name
Description
7
R/W
0
EAPD
0: External power stage power-down active
1: Normal operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com