Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA381BW Datasheet(PDF) 125 Page - STMicroelectronics

Part # STA381BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BW Datasheet(HTML) 125 Page - STMicroelectronics

Back Button STA381BW Datasheet HTML 121Page - STMicroelectronics STA381BW Datasheet HTML 122Page - STMicroelectronics STA381BW Datasheet HTML 123Page - STMicroelectronics STA381BW Datasheet HTML 124Page - STMicroelectronics STA381BW Datasheet HTML 125Page - STMicroelectronics STA381BW Datasheet HTML 126Page - STMicroelectronics STA381BW Datasheet HTML 127Page - STMicroelectronics STA381BW Datasheet HTML 128Page - STMicroelectronics STA381BW Datasheet HTML 129Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 174 page
background image
DocID018835 Rev 8
125/174
STA381BW
Register description: Sound Terminal compatibility
The EAPD register directly disables/enables the internal power circuitry.
When EAPD = 0, the internal power section is placed in a low-power state (disabled). This
register also controls the EAPD/FFX4B output pin when OCFG = 10.
7.7
Volume control registers (addr 0x06 - 0x0A)
7.7.1
Mute/line output configuration register
Line output is only active when OCFG = 00. In this case LOC determines the line output
configuration. The source of the line output is always channel 1 and 2 inputs.
Table 132. Mute configuration
D7
D6
D5
D4
D3
D2
D1
D0
LOC1
LOC0
Reserved
BQBALL
C3M
C2M
C1M
MMUTE
00000000
Table 131. Line output configuration
LOC[1:0]
Line output configuration
00
Line output fixed - no volume, no EQ
01
Line output variable - CH3 volume effects line output, no EQ
10
Line output variable with EQ - CH3 volume effects line output
11
Reserved
Bit
R/W
RST
Name
Description
4
R/W
0
BQBALL
Global biquad bypass
0: Biquad filters active
1: All the biquad filters are bypassed (pass-through)
Bit
R/W
RST
Name
Description
3
R/W
0
C3M
Channel 3 mute
0 - No mute condition. It is possible to set the channel
volume
1 - Channel 3 in hardware mute
2
R/W
0
C2M
Channel 2 mute
0 - No mute condition. It is possible to set the channel
volume
1 - Channel 2 in hardware mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com