Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA381BW Datasheet(PDF) 126 Page - STMicroelectronics

Part # STA381BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BW Datasheet(HTML) 126 Page - STMicroelectronics

Back Button STA381BW Datasheet HTML 122Page - STMicroelectronics STA381BW Datasheet HTML 123Page - STMicroelectronics STA381BW Datasheet HTML 124Page - STMicroelectronics STA381BW Datasheet HTML 125Page - STMicroelectronics STA381BW Datasheet HTML 126Page - STMicroelectronics STA381BW Datasheet HTML 127Page - STMicroelectronics STA381BW Datasheet HTML 128Page - STMicroelectronics STA381BW Datasheet HTML 129Page - STMicroelectronics STA381BW Datasheet HTML 130Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 174 page
background image
Register description: Sound Terminal compatibility
STA381BW
126/174
DocID018835 Rev 8
7.7.2
Master volume register
7.7.3
Channel 1 volume
7.7.4
Channel 2 volume
7.7.5
Channel 3 / line output volume
The volume structure of the STA381BW consists of individual volume registers for each
channel and a master volume register that provides an offset to each channel’s volume
setting. The individual channel volumes are adjustable in 0.5 dB steps from +48 dB to
-80 dB.
As an example if CH3VOL = 0x00 or +48 dB and MVOL = 0x18 or -12 dB, then the total gain
for channel 3 = +36 dB.
The master mute, when set to 1, mutes all channels at once, whereas the individual channel
mute (CxM) mutes only that channel. Both the master mute and the channel mutes provide
a “soft mute” with the volume ramping down to mute in 4096 samples from the maximum
volume setting at the internal processing rate (approximately 96 kHz).
A “hard (instantaneous) mute” can be obtained by programming a value of 0xFF (255) to
any channel volume register or the master volume register. When volume offsets are
1
R/W
0
C1M
Channel 1 mute
0 - No mute condition. It is possible to set the channel
volume
1 - Channel 1 in hardware mute
0
R/W
0
MMUTE
Master mute
0 - Normal operation
1 - All channels are in mute condition
Bit
R/W
RST
Name
Description
D7
D6
D5
D4
D3
D2
D1
D0
MVOL[7:0]
11111111
D7
D6
D5
D4
D3
D2
D1
D0
CH1VOL[7:0]
01100000
D7
D6
D5
D4
D3
D2
D1
D0
CH2VOL[7:0]
01100000
D7
D6
D5
D4
D3
D2
D1
D0
CH3VOL[7:0]
01100000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com