Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA381BW Datasheet(PDF) 155 Page - STMicroelectronics

Part # STA381BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BW Datasheet(HTML) 155 Page - STMicroelectronics

Back Button STA381BW Datasheet HTML 151Page - STMicroelectronics STA381BW Datasheet HTML 152Page - STMicroelectronics STA381BW Datasheet HTML 153Page - STMicroelectronics STA381BW Datasheet HTML 154Page - STMicroelectronics STA381BW Datasheet HTML 155Page - STMicroelectronics STA381BW Datasheet HTML 156Page - STMicroelectronics STA381BW Datasheet HTML 157Page - STMicroelectronics STA381BW Datasheet HTML 158Page - STMicroelectronics STA381BW Datasheet HTML 159Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 174 page
background image
DocID018835 Rev 8
155/174
STA381BW
Register description: Sound Terminal compatibility
7.22.2
Bridge immediately off (BRIDGOFF) bit (address 0x4B, bit D5)
A fade-out procedure is started in the STA381BW once the PWDN function is enabled, and
after 13 million clock cycles (PLL internal frequency) the bridge is put in power-down
(tristate mode). There is also the possibility to change this behavior so that the power bridge
will be switched off immediately after the PWDN pin is tied to ground, without waiting for the
13 million clock cycles. The BRIDGOFF bit, when set, activates this function. Obviously the
immediate power-down will generate a pop noise at the output, therefore this procedure
must be used only in case pop noise is not relevant in the application. Note that this feature
works only for hardware PWDN assertion and not for a power-down applied through the IIC
interface. Refer to Section 7.22.5 if programming a different number of clock cycles is
needed.
7.22.3
Channel PWM enable (CPWMEN) bit (address 0x4B, bit D2)
This bit, when set, activates a mute output in case the volume reaches a value lower
than -76 dBFS.
7.22.4
External amplifier hardware pin enabler (LPDP, LPD LPDE) bits
(address 0x4C, bit D7, D6, D5)
Pin 42 (INTLINE), normally indicating a fault condition, using the following 3 register
settings, can be reconfigured as hardware pin enabler for an external headphone or line
amplifier.
In particular the LPDE bit, when set, activates this function. Accordingly, the LPD value (0 or
1) is exported on pin 42 and in case of power-down assertion, pin 42 is tied to LPDP.
The LPDP bit, when set, negates the value programmed as the LPD value, refer to the
following table.
Table 170. External amplifier enabler configuration bits
LPDP
LPD
LPDE
Pin 42 output
x
x0
INT_LINE
0
01
0
0
11
1
1
01
1
1
11
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com