Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA381BW Datasheet(PDF) 159 Page - STMicroelectronics

Part # STA381BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BW Datasheet(HTML) 159 Page - STMicroelectronics

Back Button STA381BW Datasheet HTML 155Page - STMicroelectronics STA381BW Datasheet HTML 156Page - STMicroelectronics STA381BW Datasheet HTML 157Page - STMicroelectronics STA381BW Datasheet HTML 158Page - STMicroelectronics STA381BW Datasheet HTML 159Page - STMicroelectronics STA381BW Datasheet HTML 160Page - STMicroelectronics STA381BW Datasheet HTML 161Page - STMicroelectronics STA381BW Datasheet HTML 162Page - STMicroelectronics STA381BW Datasheet HTML 163Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 174 page
background image
DocID018835 Rev 8
159/174
STA381BW
Register description: Sound Terminal compatibility
The above thresholds and hysteresis table can be overridden and the low-level threshold
and high-level threshold can be set by the MTH[21:0] bits.
To activate the manual thresholds the FINETH bit has to be set to ‘1’.
To configure the low threshold, the WTHL bit must be set to ‘1’ so that any write operation to
the MTH bits will set the low threshold.
To configure the low threshold, the WTHH bit must be set to ‘1’ so that any write operation to
the MTH bits will set the low threshold.
If the zero-mute block does not detect mute, it will mute the output when the current RMS
value falls below the low threshold.
If the zero-mute block does not detect mute, it will unmute the output when the current RMS
value rises above the high threshold.
Table 172. Zero-detect threshold
ZMTH[2:0]
Equivalent input level (dB)
000
-78
001
-84
010
-90
011
-96
100
-102
101
-108
110
-114
111
-114
Table 173. Zero-detect hysteresis
HSEL[1:0]
Equivalent input level hysteresis (dB)
00
3
01
4
10
5
11
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com