Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA381BW Datasheet(PDF) 158 Page - STMicroelectronics

Part # STA381BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BW Datasheet(HTML) 158 Page - STMicroelectronics

Back Button STA381BW Datasheet HTML 154Page - STMicroelectronics STA381BW Datasheet HTML 155Page - STMicroelectronics STA381BW Datasheet HTML 156Page - STMicroelectronics STA381BW Datasheet HTML 157Page - STMicroelectronics STA381BW Datasheet HTML 158Page - STMicroelectronics STA381BW Datasheet HTML 159Page - STMicroelectronics STA381BW Datasheet HTML 160Page - STMicroelectronics STA381BW Datasheet HTML 161Page - STMicroelectronics STA381BW Datasheet HTML 162Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 174 page
background image
Register description: Sound Terminal compatibility
STA381BW
158/174
DocID018835 Rev 8
7.24
Enhanced zero-detect mute and input level measurement
(address 0x50-0x54, 0x2E, 0x2F and 0x5E)
The STA381BW implements an RMS-based zero-detect function (on serial input interface
data) able to detect in a very reliable way the presence of an input signal, so that the power
bridge outputs can be automatically connected to ground.
When active, the function will mute the output PWM when the input level become less than
“threshold - hysteresis”. Once muted, the PWM will be unmuted when the input level is
detected greater than “threshold + hysteresis”.
The measured level is then reported (for each input channel) on registers 0x51 - 0x52, 0x53
- 0x54 according to the following equation:
Value_in_dB = 20*Log10(Reg_value/(216*0.635))
D7
D6
D5
D4
D3
D2
D1
D0
WTHH
WTHL
FINETH
HSEL[1:0]
ZMTH[2:0]
00000111
D7
D6
D5
D4
D3
D2
D1
D0
RMS_CH0[7:0]
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
D7
D6
D5
D4
D3
D2
D1
D0
RMS_CH0[15:8]
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
D7
D6
D5
D4
D3
D2
D1
D0
RMS_CH1[7:0]
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
D7
D6
D5
D4
D3
D2
D1
D0
RMS_CH1[15:8]
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com