Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD82541PI Datasheet(PDF) 11 Page - Intel Corporation

Part # GD82541PI
Description  82541 Family of Gigabit Ethernet Controllers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GD82541PI Datasheet(HTML) 11 Page - Intel Corporation

Back Button GD82541PI Datasheet HTML 7Page - Intel Corporation GD82541PI Datasheet HTML 8Page - Intel Corporation GD82541PI Datasheet HTML 9Page - Intel Corporation GD82541PI Datasheet HTML 10Page - Intel Corporation GD82541PI Datasheet HTML 11Page - Intel Corporation GD82541PI Datasheet HTML 12Page - Intel Corporation GD82541PI Datasheet HTML 13Page - Intel Corporation GD82541PI Datasheet HTML 14Page - Intel Corporation GD82541PI Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
Networking Silicon — 82541(PI/GI/EI)
11
3.0
Signal Descriptions
3.1
Signal Type Definitions
The signals of the 82541(PI/GI/EI) controller are electrically defined as follows:
3.2
PCI Bus Interface Signals (56)
When the Reset signal (RST#) is asserted, the 82541(PI/GI/EI) will not drive any PCI output or bi-
directional pins. The Power Management Event signal (PME#) can be active by configuring
manageability functions.
Name
Definition
I
Input. Standard input only digital signal.
O
Output. Standard output only digital signal.
TS
Tri-state. Bi-directional tri-state digital input/output signal.
STS
Sustained Tri-state. An active low tri-state signal owned and driven by only one agent at a
time. The agent that drives an STS pin low must drive it high for at least one clock before letting
it float. A new agent cannot start driving an STS signal any sooner than one clock after the
previous owner tri-states it. A pull-up resistor is required to sustain the inactive state until
another agent drives it, and must be provided by the central resource.
OD
Open Drain. Wired-OR with other agents.
The signaling agent asserts the OD signal, but the signal is returned to the inactive state by a
weak pull-up resistor. The pull-up resistor may require two or three clock periods to fully restore
the signal to the de-asserted state.
A
Analog. PHY analog data signal.
P
Power. Power connection, voltage reference, or other reference connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com