Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD82541PI Datasheet(PDF) 20 Page - Intel Corporation

Part # GD82541PI
Description  82541 Family of Gigabit Ethernet Controllers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GD82541PI Datasheet(HTML) 20 Page - Intel Corporation

Back Button GD82541PI Datasheet HTML 16Page - Intel Corporation GD82541PI Datasheet HTML 17Page - Intel Corporation GD82541PI Datasheet HTML 18Page - Intel Corporation GD82541PI Datasheet HTML 19Page - Intel Corporation GD82541PI Datasheet HTML 20Page - Intel Corporation GD82541PI Datasheet HTML 21Page - Intel Corporation GD82541PI Datasheet HTML 22Page - Intel Corporation GD82541PI Datasheet HTML 23Page - Intel Corporation GD82541PI Datasheet HTML 24Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
82541(PI/GI/EI) — Networking Silicon
20
4.2.2
Voltage Ramp and Sequencing Recommendations
Note:
In any case or time period (greater than 1 ns), the supply voltage should comply with 3.3 V > 1.8 V
> 1.2V. This is important to avoid stress in the ESD protection circuits. After 3.3 V reaches 10% of
its final value, all voltage rails (1.8 V and 1.2 V) have 150 ms to reach their final operating values.
tr/tf
input rise/fall time (Schmitt input)
0
10
ms
TA
Operating temperature range
(ambient)
070
°C
TJ
Junction temperature
≤125
°C
a. Sustained operation of the device at conditions exceeding these values, even if they are within the absolute maximum rating
limits, might result in permanent damage.
b. The value listed in this table is for external voltage regulation. If the internal voltage regulator is used, the minimum value is
1.67 V.
c.
The value listed in this table is for external voltage regulation. If the internal voltage regulator is used, the maximum value is
1.926 V.
d. The value listed in this table is for external voltage regulation. If the internal voltage regulator is used, the minimum value is
1.12 V.
e. The value listed in this table is for external voltage regulation. If the internal voltage regulator is used, the maximum value is
1.284 V.
Table 3.
3.3V Supply Voltage Ramp
Parameter
Description
Min
Max
Unit
Rise Time
Time from 10% to 90% mark
0.1
100
ms
Monotonicity
Voltage dip allowed in ramp
0
mV
Slope
Ramp rate at any time between 10% to 90%
28800
V/s
Operational
Range
Voltage range for normal operating conditions
3
3.6
V
Ripple
Maximum voltage ripple at a bandwidth equal
to 50 MHz
70
mV
Overshoot
Maximum voltage allowed
4
V
Table 4.
1.8V Supply Voltage Ramp
Symbol
Parameter
Min
Max
Unit
Rise Time
Time from 10% to 90% mark
0.1
100
ms
Monotonicity
Voltage dip allowed in ramp
0
mV
Slope
Ramp rate at any time between 10% to 90%
57600
V/s
Operational
Range
Voltage range for normal operating conditions
1.71
1.89
V
Ripple
Maximum voltage ripple at frequency below
1 MHz
280
mVpk-to-pk
Ripple
Minimum voltage ripple at frequency below
1 MHz
1.55
V
Overshoot
Maximum voltage allowed
2.2
V
Table 2.
Recommended Operating Conditions (Sheet 2 of 2)a
Symbol
Parameter
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com